Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MBM29PL64LM10 Datasheet(PDF) 27 Page - SPANSION

Part # MBM29PL64LM10
Description  Flash Memory 64 M (8M X 8/4M X 16) BIT
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

MBM29PL64LM10 Datasheet(HTML) 27 Page - SPANSION

Back Button MBM29PL64LM10 Datasheet HTML 23Page - SPANSION MBM29PL64LM10 Datasheet HTML 24Page - SPANSION MBM29PL64LM10 Datasheet HTML 25Page - SPANSION MBM29PL64LM10 Datasheet HTML 26Page - SPANSION MBM29PL64LM10 Datasheet HTML 27Page - SPANSION MBM29PL64LM10 Datasheet HTML 28Page - SPANSION MBM29PL64LM10 Datasheet HTML 29Page - SPANSION MBM29PL64LM10 Datasheet HTML 30Page - SPANSION MBM29PL64LM10 Datasheet HTML 31Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 69 page
background image
MBM29PL64LM90/10
26
section), at which the devices return to the read mode. Data polling and Toggle Bit must be performed at an
address within any of the sectors being erased.
Erase Suspend/Resume
The Erase Suspend command allows the user to interrupt Sector Erase operation and then perform read to a
sector not being erased. This command is applicable ONLY during the Sector Erase operation within the time-
out period for sector erase. Writting the Erase Suspend command (B0h) during the Sector Erase time-out results
in immediate termination of the time-out period and suspension of the erase operation.
Writing the "Erase Resume" command (30h) resumes the erase operation.
When the "Erase Suspend" command is written during the Sector Erase operation, the device takes maximum
of “tSPD” to suspend the erase operation. When the devices enter the erase-suspended mode, the RY/BY output
pin will be at High-Z and the DQ7 bit will be at logic “1” and DQ6 will stop toggling. The user must use the address
of the erasing sector for reading DQ6 and DQ7 to determine if the erase operation has been suspended. Further
writes of the Erase Suspend command are ignored.
When the erase operation is suspended, the devices default to the erase-suspend-read mode. Reading data in
this mode is the same as reading from the standard read mode, except that the data must be read from sectors
that have not been erase-suspended. Reading successively from the erase-suspended sector while the device
is in the erase-suspend-read mode will cause DQ2 to toggle. See the section on DQ2.
To resume the operation of Sector Erase, the Resume command (30h) should be written. Any further writes of
the Resume command at this point will be ignored. Another Erase Suspend command can be written after the
chip has resumed erasing.
Do not issuing program command after entering erase-suspend-read mode.
Fast Mode Set/Reset
The device has Fast Mode function. It dispenses with the initial two unclock cycles required in the standard
program command sequence by writing Fast Mode command into the command register. In this mode, the
required bus cycle for programming consists of two cycles instead of four bus cycles in standard program
command. The read operation is also executed after exiting this mode. During the Fast mode, do not write any
command other than the Fast program/Fast mode reset command. To exit from this mode, write Fast Mode Reset
command into the command register. (Refer to the “Embedded ProgramTM Algorithm for Fast Mode” in sFLOW
CHART.) The VCC active current is required even CE = VIH during Fast Mode.
Fast Programming
During Fast Mode, the programming can be executed with two bus cycles operation. The Embedded Program
Algorithm is executed by writing program set-up command (A0h) and data write cycles (PA/PD). See “Embedded
ProgramTM Algorithm for Fast Mode” in sFLOW CHART.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com