| Electronic Components Datasheet Search |
|
MBM29PL64LM90PCN Datasheet(PDF) 13 Page - SPANSION |
|
|
|||||||||||||||||||||||||||||
MBM29PL64LM90PCN Datasheet(HTML) 13 Page - SPANSION |
|
13 / 69 page ![]() MBM29PL64LM90/10 12 Sector Group Protection Verify Autoselect Codes *1 : A-1 is for Byte mode. *2 : At Word mode, a read cycle at address 01h ( at Byte mode, 02h ) outputs device code. When 227Eh ( at Byte mode, 7Eh ) is output, it indicates that reading two additional codes, called Extended Device Codes, will be required. Therefore the system may continue reading out these Extended Device Codes at the address of 0Eh ( at Byte mode, 1Ch ), as well as at 0Fh ( at Byte mode, 1Eh ). *3 : Outputs 01h at protected sector group addresses and outputs 00h at unprotected sector group addresses. *4 : Given CE = Fix, wait for one cycle after the rising edge of WE (the last write command) , then indicate SGA as (A6, A3, A2, A1, A0, A − 1) = (0, 0, 0, 1, 0, 0) . Type A21 to A15 A6 A3 A2 A1 A0 A-1*1 Code (HEX) Manufacturer’s Code X VIL VIL VIL VIL VIL VIL 04h Device Code Word XVIL VIL VIL VIL VIH X 227Eh Byte VIL 7Eh Extended Device Code*2 Word XVIL VIH VIH VIH VIL X 220Ch Byte VIL 0Ch Word XVIL VIH VIH VIH VIH X 2201h Byte VIL 01h Sector Group Protection*4 Sector Group Addresses VIL VIL VIL VIH VIL VIL *3 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |