Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MBM29PL64LM10PCN Datasheet(PDF) 4 Page - SPANSION

Part # MBM29PL64LM10PCN
Description  Flash Memory 64 M (8M X 8/4M X 16) BIT
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

MBM29PL64LM10PCN Datasheet(HTML) 4 Page - SPANSION

  MBM29PL64LM10PCN Datasheet HTML 1Page - SPANSION MBM29PL64LM10PCN Datasheet HTML 2Page - SPANSION MBM29PL64LM10PCN Datasheet HTML 3Page - SPANSION MBM29PL64LM10PCN Datasheet HTML 4Page - SPANSION MBM29PL64LM10PCN Datasheet HTML 5Page - SPANSION MBM29PL64LM10PCN Datasheet HTML 6Page - SPANSION MBM29PL64LM10PCN Datasheet HTML 7Page - SPANSION MBM29PL64LM10PCN Datasheet HTML 8Page - SPANSION MBM29PL64LM10PCN Datasheet HTML 9Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 69 page
background image
MBM29PL64LM90/10
3
s
s
s
s FEATURES
• 0.23
µµµµm Process Technology
• Single 3.0 V read, program and erase
Minimizes system level power requirements
• Industry-standard pinouts
48-pin TSOP (1) (Package suffix: TN - Normal Bend Type)
56-pin TSOP (1) (Package suffix: PCN - Normal Bend Type)
80-ball FBGA(Package suffix: PBT)
• Minimum 100,000 program/erase cycles
• High performance Page mode
Fast 8 bytes / 4 words access capablilty
• Sector erase architecture
128
× 64K byte and 32K word sectors
Any combination of sectors can be concurrently erased. Also supports full chip erase
• HiddenROM
256 bytes / 128 words of HiddenROM, accessible through a “HiddenROM Entry” command sequence
Factory serialized and protected to provide a secure electronic serial number (ESN)
• WP/ACC input pin
At VIL, allows protection of first 64K bytes / 32K words sectors, regardless of sector protection/unprotection
status
At VACC, increases program performance
• Embedded EraseTM* Algorithms
Automatically pre-programs and erases the chip or any sector
• Embedded ProgramTM* Algorithms
Automatically writes and verifies data at specified address
•Data Polling and Toggle Bit feature for detection of program or erase cycle completion
• Ready/Busy output (RY/BY)
Hardware method for detection of program or erase cycle completion
• Automatic sleep mode
When addresses remain stable, automatically switches themselves to low power mode
• Program Suspend/Resume
Suspends the program operation to allow a read in another address
• Low VCC write inhibit
≤≤≤≤ 2.5 V
• Erase Suspend/Resume
Suspends the erase operation to allow a read data and/or program in another sector within the same device
• Sector Group Protection
Hardware method disables any combination of sector groups from program or erase operations
• Sector Group Protection Set function by Extended sector protect command
• Fast Programming Function by Extended Command
• Temporary sector group unprotection
Temporary sector group unprotection via the RESET pin
This feature allows code changes in previously locked sectors
• In accordance with CFI (Common Flash Memory Interface)
* : Embedded EraseTM and Embedded ProgramTM are trademarks of Advanced Micro Devices, Inc.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com