Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CM2026IP Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # CM2026IP
Description  DUAL USB POWER CONTROL SWITCH
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

CM2026IP Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  CM2026IP Datasheet HTML 1Page - List of Unclassifed Manufacturers CM2026IP Datasheet HTML 2Page - List of Unclassifed Manufacturers CM2026IP Datasheet HTML 3Page - List of Unclassifed Manufacturers CM2026IP Datasheet HTML 4Page - List of Unclassifed Manufacturers CM2026IP Datasheet HTML 5Page - List of Unclassifed Manufacturers CM2026IP Datasheet HTML 6Page - List of Unclassifed Manufacturers CM2026IP Datasheet HTML 7Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
CM2026
DUAL USB POWER CONTROL SWITCH
2002/05/29
Rev. 2
Champion Microelectronic Corporation
Page 2
PIN DESCRIPTION
Pin No.
Symbol
Description
1,4
EN(1/2)
1.
VIN = 3.3V, Enable (Input): Logic-compatible enable input. High input > 2.1V
typical. Low input < 1.9V typical. Do not float.
2.
VIN = 5V, Enable (Input): Logic-compatible enable input. High input > 3.5V
typical. Low input < 3.3V typical. Do not float.
2,3
FLG(1/2)
Fault Flag (Output): open-drain output. Indicates overcurrent, UVLO, and thermal
shutdown.
6
GND
Ground: Supply return.
7
IN
Supply Input: Output MOSFET drain. Also supplies IC's internal circuitry. Connect
to positive supply.
8,5
OUT(1/2)
Switch Output: Output MOSFET source. Typically connect to switched side of
load.
BLOCK DIAGRAM
4.5~5V
1
2
3
4
5V
R4
10K
usb mcu
R1
47K
R2
47K
CM1085
U1
CM2026
2
1
3
4
5
6
7
8
FLG1
EN1
FLG2
EN2
OUT2
GND
IN
OUT1
J3
USBPORT1
1
2
3
4
R3
10K
3.3V
J2
USBPORT1
1
2
3
4
VIN
C1
0.1U
3.3 USB CPU
ON/OFF
ON/OFF
ORDERING INFORMATION
Part Number
Enable
Temperature Range
Package
CM2026IS
Active High
-40℃ to +85℃
8-Pin SOIC (S08)
CM2026IP
Active High
-40℃ to +85℃
8-Pin PDIP (P08)



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com