Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ML63187 Datasheet(PDF) 18 Page - OKI electronic componets

Part # ML63187
Description  4-Bit Microcontroller with Built-in 1024-Dot Matrix LCD Drivers and Melody Circuit, Operating at 0.9 V (Min).
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

ML63187 Datasheet(HTML) 18 Page - OKI electronic componets

Back Button ML63187 Datasheet HTML 14Page - OKI electronic componets ML63187 Datasheet HTML 15Page - OKI electronic componets ML63187 Datasheet HTML 16Page - OKI electronic componets ML63187 Datasheet HTML 17Page - OKI electronic componets ML63187 Datasheet HTML 18Page - OKI electronic componets ML63187 Datasheet HTML 19Page - OKI electronic componets ML63187 Datasheet HTML 20Page - OKI electronic componets ML63187 Datasheet HTML 21Page - OKI electronic componets ML63187 Datasheet HTML 22Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 36 page
background image
¡ Semiconductor
ML63187/63189B
18/35
ABSOLUTE MAXIMUM RATINGS
Parameter
Symbol
Condition
Rating
Unit
–0.3 to +1.6
Power Supply Voltage 1
Ta = 25°C
VDD1
V
–0.3 to +2.9
Power Supply Voltage 2
Ta = 25°C
VDD2
V
–0.3 to +4.2
Power Supply Voltage 3
Ta = 25°C
VDD3
V
–0.3 to +5.5
Power Supply Voltage 4
Ta = 25°C
VDD4
V
–0.3 to +6.8
Power Supply Voltage 5
Ta = 25°C
VDD5
V
Power Supply Voltage 6
VDD
–0.3 to +6.0
Power Supply Voltage 7
Ta = 25°C
VDDI
V
–0.3 to +6.0
Power Supply Voltage 8
Ta = 25°C
VDDH
V
–0.3 to VDD + 0.3
Input Voltage 1
VDD Input, Ta = 25°C
VIN1
V
–0.3 to VDDI + 0.3
Input Voltage 2
VDDI Input, Ta = 25°C
VIN2
V
–0.3 to VDD1 + 0.3
Output Voltage 1
VDD1 Output, Ta = 25°C
VOUT1
V
–0.3 to VDD2 + 0.3
Output Voltage 2
VDD2 Output, Ta = 25°C
VOUT2
V
–0.3 to VDD3 + 0.3
Output Voltage 3
VDD3 Output, Ta = 25°C
VOUT3
V
–0.3 to VDD4 + 0.3
Output Voltage 4
VDD4 Output, Ta = 25°C
VOUT4
V
–0.3 to VDD5 + 0.3
Output Voltage 5
VDD5 Output, Ta = 25°C
VOUT5
V
–0.3 to VDD + 0.3
Output Voltage 6
VDD Output, Ta = 25°C
VOUT6
V
–0.3 to VDDI + 0.3
Output Voltage 7
VDDI Output, Ta = 25°C
VOUT7
V
–0.3 to VDDH + 0.3
Output Voltage 8
VDDH Output, Ta = 25°C
VOUT8
V
–55 to +150
Storage Temperature
—
TSTG
°C
(VSS = 0 V)
–0.3 to +6.0
Power Supply Voltage 9
Ta = 25°C
VDDL
V
–0.3 to +6.0
Ta = 25°C
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com