| Electronic Components Datasheet Search |
|
P133 Datasheet(PDF) 2 Page - International Rectifier |
|
|
|||||||||||||||||||||||||||||
P133 Datasheet(HTML) 2 Page - International Rectifier |
|
2 / 7 page ![]() P100 Series 2 Bulletin I27125 rev. A 04/99 www.irf.com V RRM maximum repetitive V RSM maximum non- V DRM maximum I RRM max. Type number peak reverse voltage repetitive peak reverse repetitive peak off-state @ T J max. voltage voltage VV V mA P101, P121, P131 400 500 400 10 P102, P122, P132 600 700 600 P103, P123, P133 800 900 800 P104, P124, P134 1000 1100 1000 P105, P125, P135 1200 1300 1200 ELECTRICAL SPECIFICATIONS Voltage Ratings ID Maximum DC output current 2 5 A @ TC = 85°C, full bridge I TSM Max. peak one-cycle 357 t = 10ms No voltage I FSM non-repetitive on-state 375 t = 8.3ms reapplied or forward current 300 t = 10ms 100% V RRM 315 t = 8.3ms reapplied Sinusoidal half wave, I 2t Maximum I2t for fusing 637 t = 10ms No voltage Initial T J = TJ max. 580 t = 8.3ms reapplied 450 t = 10ms 100% V RRM 410 t = 8.3ms reapplied I 2 √t Maximum I 2 √t for fusing 6365 A 2 √s t = 0.1 to 10ms, no voltage reapplied I 2t for time tx = I2 √t . √tx V T(TO) Max. value of threshold voltage 0.82 V T J = 125°C r t1 Max. level value of on-state slope resistance V TM Max. peak on-state or V FM forward voltage drop di/dt Maximum non repetitive rate of T J = 125°C from 0.67 VDRM rise of turned on current I TM = π x I T(AV), I g = 500mA, tr < 0.5µs, tp > 6µs I H Maximum holding current 130 mA T J = 25°C anode supply = 6V, resistive load, gate open I L Maximum latching current 250 mA T J = 25°C anode supply = 6V, resistive load Parameter P100 Units Conditions On-state Conduction A A 2s 12 m Ω T J = 125°C, Av. power = V T(TO) * IT(AV) + r t + (IT(RMS)) 2 1.35 V T J = 25°C, ITM = π x I T(AV) 200 A/µs |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |