Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EMIF04-MMC02F1 Datasheet(PDF) 3 Page - STMicroelectronics

Part # EMIF04-MMC02F1
Description  4 LINES EMI FILTER INCLUDING ESD PROTECTION
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

EMIF04-MMC02F1 Datasheet(HTML) 3 Page - STMicroelectronics

  EMIF04-MMC02F1 Datasheet HTML 1Page - STMicroelectronics EMIF04-MMC02F1 Datasheet HTML 2Page - STMicroelectronics EMIF04-MMC02F1 Datasheet HTML 3Page - STMicroelectronics EMIF04-MMC02F1 Datasheet HTML 4Page - STMicroelectronics EMIF04-MMC02F1 Datasheet HTML 5Page - STMicroelectronics EMIF04-MMC02F1 Datasheet HTML 6Page - STMicroelectronics EMIF04-MMC02F1 Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
EMIF04-MMC02F1
3/9
Symbol
Test conditions
Min.
Typ.
Max.
Unit
VBR
IR =1mA
6V
IRM
VRM =3V
0.1
0.5
µA
Cline
@0V
20
pF
R1,R2,R3,R4
Tolerance ± 5%
47
Ω
R10
Tolerance ± 5%
13
k
Ω
R20
Tolerance ± 5%
56
k
Ω
P
70
mW
1.0M
3.0M
10.0M
30.0M
100.0M 300.0M
1.0G
3.0G
-50.00
-45.00
-40.00
-35.00
-30.00
-25.00
-20.00
-15.00
-10.00
-5.00
0.00
S21(dB) measurements of C3/C1 line
dB
f/Hz
Fig. 1: Filtering measurements
1.0M
3.0M
10.0M
30.0M
100.0M 300.0M
1.0G
3.0G
-80.00
-70.00
-60.00
-50.00
-40.00
-30.00
-20.00
-10.00
0.00
Xtalk measurements C3/B1
dB
f/Hz
Fig. 2: Cross talk measurements
0
2
4
6
8
10
12
14
16
18
20
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
VR(V)
C(pF)
F=1MHz
V
osc=30mVRMS
T
j=25°C
Fig. 3: Line capacitance versus reverse applied
voltage.
Note: spikes at high frequencies are induced by the PCB
layout.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com