| Electronic Components Datasheet Search |
|
AM6548 Datasheet(PDF) 74 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
AM6548 Datasheet(HTML) 74 Page - Texas Instruments |
|
74 / 299 page ![]() 74 AM6548, AM6528, AM6546 AM6526, AM6527 SPRSP08E – NOVEMBER 2017 – REVISED OCTOBER 2018 www.ti.com Submit Documentation Feedback Product Folder Links: AM6548 AM6528 AM6546 AM6526 AM6527 Terminal Configuration and Functions Copyright © 2017–2018, Texas Instruments Incorporated Table 4-26. GPIO0 Signal Descriptions (continued) SIGNAL NAME [1] DESCRIPTION [2] PIN TYPE [3] BALL [4] WKUP_GPIO0_24 General Purpose Input/Output IO R5 WKUP_GPIO0_25 General Purpose Input/Output IO T1 WKUP_GPIO0_26 General Purpose Input/Output IO R1 WKUP_GPIO0_27 General Purpose Input/Output IO P2 WKUP_GPIO0_28 General Purpose Input/Output IO P3 WKUP_GPIO0_29 General Purpose Input/Output IO P4 WKUP_GPIO0_30 General Purpose Input/Output IO P5 WKUP_GPIO0_31 General Purpose Input/Output IO P1 WKUP_GPIO0_32 General Purpose Input/Output IO N2 WKUP_GPIO0_33 General Purpose Input/Output IO N3 WKUP_GPIO0_34 General Purpose Input/Output IO N4 WKUP_GPIO0_35 General Purpose Input/Output IO N5 WKUP_GPIO0_36 General Purpose Input/Output IO M2 WKUP_GPIO0_37 General Purpose Input/Output IO M3 WKUP_GPIO0_38 General Purpose Input/Output IO M4 WKUP_GPIO0_39 General Purpose Input/Output IO M5 WKUP_GPIO0_40 General Purpose Input/Output IO N1 WKUP_GPIO0_41 General Purpose Input/Output IO M1 WKUP_GPIO0_42 General Purpose Input/Output IO L2 WKUP_GPIO0_43 General Purpose Input/Output IO L5 WKUP_GPIO0_44 General Purpose Input/Output IO M6 WKUP_GPIO0_45 General Purpose Input/Output IO L6 WKUP_GPIO0_46 General Purpose Input/Output IO L4 WKUP_GPIO0_47 General Purpose Input/Output IO L1 WKUP_GPIO0_48 General Purpose Input/Output IO Y1 WKUP_GPIO0_49 General Purpose Input/Output IO Y3 WKUP_GPIO0_50 General Purpose Input/Output IO Y2 WKUP_GPIO0_51 General Purpose Input/Output IO Y4 WKUP_GPIO0_52 General Purpose Input/Output IO AB1 WKUP_GPIO0_53 General Purpose Input/Output IO AB5 WKUP_GPIO0_54 General Purpose Input/Output IO W1 WKUP_GPIO0_55 General Purpose Input/Output IO W2 4.3.11 GPMC 4.3.11.1 MAIN Domain Table 4-27. GPMC0 Signal Descriptions SIGNAL NAME [1] DESCRIPTION [2] PIN TYPE [3] BALL [4] GPMC0_ADVn_ALE GPMC Address Valid (active low) or Address Latch Enable O P25 GPMC0_CLK GPMC Clock Output IO R28 GPMC0_DIR GPMC Data Bus Signal Direction Control O T24 GPMC0_OEn_REn GPMC Output Enable (active low) or Read Enable (active low) O P26 GPMC0_WEn GPMC Write Enable (active low) O U28 GPMC0_WPn GPMC Flash Write Protect (active low) O T25 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |