Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

P100 Datasheet(PDF) 3 Page - International Rectifier

Part # P100
Description  PASSIVATED ASSEMBLED CIRCUIT ELEMENTS
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

P100 Datasheet(HTML) 3 Page - International Rectifier

  P100 Datasheet HTML 1Page - International Rectifier P100 Datasheet HTML 2Page - International Rectifier P100 Datasheet HTML 3Page - International Rectifier P100 Datasheet HTML 4Page - International Rectifier P100 Datasheet HTML 5Page - International Rectifier P100 Datasheet HTML 6Page - International Rectifier P100 Datasheet HTML 7Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
P100 Series
3
Bulletin I27125 rev. A 04/99
www.irf.com
dv/dt
Maximum critical rate of rise of
off-state voltage
I
RRM
Max. peak reverse and off-state
I
DRM
leakage current at V
RRM, VDRM
I
RRM
Max peak reverse leakage current
100
µA
T
J = 25°C
50Hz, circuit to base, all terminal shorted,
T
J = 25°C, t = 1s
Blocking
Parameter
P100
Units Conditions
200
V/µs
T
J
= 125°C, exponential to 0.67 V
DRM
gate open
10
mA
T
J = 125°C, gate open circuit
V
INS
RMS isolation voltage
2500
V
P
GM
Maximum peak gate power
8
P
G(AV)
Maximum average gate power
2
I
GM
Maximum peak gate current
2
A
- V
GM
Maximum peak negative
gate voltage
V
GT
Maximum gate voltage required
3
T
J
= - 40°C
to trigger
2
T
J
= 25°C
Anode Supply = 6V resistive load
1TJ = 125°C
I
GD
Maximum gate current
90
T
J = - 40°C
required to trigger
60
mA
T
J
= 25°C
Anode Supply = 6V resistive load
35
T
J = 125°C
V
GD
Maximum gate voltage
that will not trigger
I
GD
Maximum gate current
that will not trigger
Parameter
P100
Units Conditions
10
Triggering
W
V
0.2
V
TJ = 125°C, rated VDRM applied
2mA
TJ = 125°C, rated VDRM applied
T
J
Max. operating temperature range
-40 to 125
T
stg
Max. storage temperature range
-40 to 125
R
thJC
Max. thermal resistance,
2.24
K/W
DC operation per junction
junction to case
R
thCS
Max. thermal resistance,
0.10
K/W
Mounting surface, smooth and greased
case to heatsink
T
Mounting torque, base to heatsink
4
Nm
wt
Approximate weight
58 (2.0)
g (oz)
Parameter
P100
Units
Conditions
Thermal and Mechanical Specification
°C
A mounting compound is recommended and the torque
should be checked after a period of 3 hours to allow for the
spread of the compound



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com