Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RDA012M4 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # RDA012M4
Description  12 Bit 1.3 GS/s 4:1 MUXDAC
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

RDA012M4 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  RDA012M4 Datasheet HTML 1Page - List of Unclassifed Manufacturers RDA012M4 Datasheet HTML 2Page - List of Unclassifed Manufacturers RDA012M4 Datasheet HTML 3Page - List of Unclassifed Manufacturers RDA012M4 Datasheet HTML 4Page - List of Unclassifed Manufacturers RDA012M4 Datasheet HTML 5Page - List of Unclassifed Manufacturers RDA012M4 Datasheet HTML 6Page - List of Unclassifed Manufacturers RDA012M4 Datasheet HTML 7Page - List of Unclassifed Manufacturers RDA012M4 Datasheet HTML 8Page - List of Unclassifed Manufacturers RDA012M4 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
RDA012M4 DATASHEET
DS_0012PB1-2805
Rockwell Scientific reserves the right to make changes to its product specifications at any time without notice.
The information furnished herein is believed to be accurate; however, no responsibility is assumed for its use.
Page 2 of 12
Absolute Maximum Ratings
Supply Voltages
Between GNDs ………………………….……. -0.3 to +0.3 V
Between VCCs …………………..………….. -0.3 to +0.3 V
VCCs to GND ………………………..…….… 0 V to +3.8 V
RF Input Voltages
CLKIP, CLKIN to GND
........................……… 0 V to VCC
HS Digital Input Voltages
DI<0:11> …...................................................... 0 V to VCC
Output Termination Voltages
DOUTP, DOUTN to GND ……........................0 V to VCC
Temperature
Operating Temperature……………..…….
-30 to +100 °C
Case Temperature…………………………… -15 to +85 °C
Junction Temperature….……………………..…..
+120 °C
Lead, Soldering (10 Seconds) …………………..
+220 °C
Storage….……………………………..…..…
-40 to 125 °C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com