Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RSC-4128 Datasheet(PDF) 21 Page - List of Unclassifed Manufacturers

Part # RSC-4128
Description  Speech Recognition Processor
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

RSC-4128 Datasheet(HTML) 21 Page - List of Unclassifed Manufacturers

Back Button RSC-4128 Datasheet HTML 17Page - List of Unclassifed Manufacturers RSC-4128 Datasheet HTML 18Page - List of Unclassifed Manufacturers RSC-4128 Datasheet HTML 19Page - List of Unclassifed Manufacturers RSC-4128 Datasheet HTML 20Page - List of Unclassifed Manufacturers RSC-4128 Datasheet HTML 21Page - List of Unclassifed Manufacturers RSC-4128 Datasheet HTML 22Page - List of Unclassifed Manufacturers RSC-4128 Datasheet HTML 23Page - List of Unclassifed Manufacturers RSC-4128 Datasheet HTML 24Page - List of Unclassifed Manufacturers RSC-4128 Datasheet HTML 25Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 49 page
background image
Data Sheet
RSC-4128
21
P/N 80-0206-J
© 2004 Sensory Inc.
Prescaler value
Divisor
Prescaler value
Divisor
0000
1
1000
256
0001
2
1001
512
0010
4
1010
1024
0011
8
1011
2048
0100
16
1100
4096
0101
32
1101
8192
0110
64
1110
16384
0111
128
1111
32768
The resolution of T1 and T3 is 8 bits, but the range is 23 bits. The longest interval that can be timed by T1 or T3 is
2^15*256 clocks = 9.3 seconds.
The 4-bit prescaler for T1 is in the Clock Extensions Register, (register D6.Bits[3:0]). The 4-bit prescaler for T3 is in
the Timer3 Control Register (register D9.Bits[3:0]).
In addition to its timing capability, T3 can also be configured as a counter of external events. In this configuration it
uses either the rising or falling edge of a signal applied to I/O pin P0.1. The selected transition is internally
synchronized to CLK1. The maximum external count rate for T3 is 447KHz.
The Timer3 Control Register contains the counting/timing options for T3. The register is write-only. Bits[6:4] provide
configuration control.
Bit6
Bit5
Bit4
timer
source
Configuration
x
0
0
T3CLK
timer
0
0
1
T3CLK
timer gated by P0.1 LOW
1
0
1
T3CLK
timer gated by P0.1 HIGH
0
1
x
P0.1
count P0.1 events, rising
edge
1
1
x
P0.1
count P0.1 events, falling
edge
Bit 7
0: disable T3 and prescaler from counting/timing
1: enable T3
cleared by reset.
Bit 6
0: use rising edge for external event counting
use LOW state on pin P0.1 for timer gating
1: use falling edge for external event counting
use HIGH state on pin P0.1 for timer gating
cleared by reset
Bit 5
0: use internal T3CLK for source (timing)
1: use external events on pin P0.1 for source (counting)
cleared by reset
Bit 4
0: normal operation
1: T3 is gated by pin P0.1 according to Bit6
cleared by reset.
Bit 3:0
Encoded prescaler for T3. (See prescaler table above).
cleared by reset.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com