Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ML66517 Datasheet(PDF) 2 Page - OKI electronic componets

Part # ML66517
Description  16-Bit Microcontroller
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

ML66517 Datasheet(HTML) 2 Page - OKI electronic componets

  ML66517 Datasheet HTML 1Page - OKI electronic componets ML66517 Datasheet HTML 2Page - OKI electronic componets ML66517 Datasheet HTML 3Page - OKI electronic componets ML66517 Datasheet HTML 4Page - OKI electronic componets ML66517 Datasheet HTML 5Page - OKI electronic componets ML66517 Datasheet HTML 6Page - OKI electronic componets ML66517 Datasheet HTML 7Page - OKI electronic componets ML66517 Datasheet HTML 8Page - OKI electronic componets ML66517 Datasheet HTML 9Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 28 page
background image
PEDL66517-03
1Semiconductor
ML66517 Family
2/28
FEATURES
Name
ML66514
ML66517
Operating temperature
–40°C to 85°C
Power supply voltage/
Maximum frequency
V
DD = 4.5 to 5.5 V/f = 25 MHz
Minimum instruction
execution time
80 nsec @25 MHz
Internal ROM size
(max. external)
32 KB (64 KB)
64 KB (128 KB)
Internal RAM size
(max. external)
1 KB (64 KB)
2 KB (64 KB)
I/O ports
46 I/O pins (with pull-up resistors,
programmable at the bit level),
4 input pins
56 I/O pins (with pull-up resistors,
programmable at the bit level),
8 input pins
16-bit free-running counter
× 1ch
Compare output/capture input
× 2ch
16-bit timer (auto-reload/timer out)
× 1ch
8-bit auto reload timer
× 2ch
8-bit auto reload timer
× 4ch (can
also be used as 16-bit auto reload
timer
× 1ch and 8-bit auto reload
timer
× 2ch)
Capture
× 2ch
8-bit auto reload timer
× 2ch
(also functions as serial communication baud rate generators)
8-bit auto reload timer
× 1ch (also functions as a watchdog timer)
Timers
8-bit PWM
× 2ch (can also be used as
16-bit PWM
× 1ch)
8-bit PWM
× 4ch (can also be used
as 16-bit PWM
× 2ch)
Serial port
Synchronous/UART
× 2ch
A/D converter
10-bit
× 4ch
10-bit
× 8ch
3-phase PWM (AC motor control)
Available
3-phase PWM (DC motor control)
Available
External interrupt
Non-Maskable
× 1ch
Maskable
× 2ch
Non-Maskable
× 1ch
Maskable
× 4ch
Interrupt priority
3 levels
Multiplexed address and data buses
Others
Multiplication calculator
Flash ROM version
ML66Q515
(ROM = 64 KB, RAM = 2 KB)
ML66Q517



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com