Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M4565 Datasheet(PDF) 2 Page - Unisonic Technologies

Part # M4565
Description  LINEAR INTEGRATED CIRCUIT
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

M4565 Datasheet(HTML) 2 Page - Unisonic Technologies

  M4565 Datasheet HTML 1Page - Unisonic Technologies M4565 Datasheet HTML 2Page - Unisonic Technologies M4565 Datasheet HTML 3Page - Unisonic Technologies M4565 Datasheet HTML 4Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
UTCM4565
LINEAR INTEGRATED CIRCUIT
UTC UNISONIC TECHNOLOGIES CO., LTD.
2
QW-R105-022,A
EQUIVALENT CIRCUIT
output
Vcc+
Vcc-
IN(
-)
IN(+)
ABSOLUTE MAXIMUM RATINGS(Ta=25℃)
PARAMETER
SYMBOL
RATINGS
UNIT
Supply Voltage
V+/V-
±
18
V
Differential Input Voltage
VID
±
30
V
Input Voltage
VIC
±
15 *
V
Power Dissipation
DIP-8
SOP-8
TSSOP-8
PD
500
300
250
mW
Operating Temperature Range
Topr
-20~+75
°C
Storage Temperature Range
Tstg
-40~+125
°C
* For supply voltage less than ±15V,the absolute maximum input voltage is equal to the supply voltage.
ELECTRICAL CHARACTERISTICS (Ta=25℃,V+/V-=±15V)
PARAMETER
SYMBOL
TEST CONDITION
MIN
TYP
MAX
UNIT
Input Offset Voltage
VIO
Rs≤10kΩ
0.5
3.0
mV
Input Offset Current
IIO
2
50
nA
Input Bias Current
IB
50
200
nA
Input Resistance
RIN
0.3
5
MΩ
Large Signal Voltage Gain
Av
RL≥2kΩ,Vo=±10V
86
100
dB
Maximum Output Voltage Swing 1
VOM1
RL≥2kΩ
±
12
±
14
V
Maximum Output Voltage Swing 2
VOM2
Io=25mA
±
10
±
11.5
V
Input Common Mode Voltage Range
VICM
±
12
±
14
V
Common Mode Rejection Ratio
CMR
Rs≤10kΩ
70
90
dB
Supply Voltage Rejection Ratio
SVR
Rs≤10kΩ
76.5
90
dB
Operating Current
Icc
4.5
7
mA
Slew Rate
SR
4
V/μs
Gain Bandwidth Product
GB
10
MHz
Equivalent Input Noise Voltage
VNI
RIAA, Rs=2.2kΩ,30kHz LPF
1.2
µVrms



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com