Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1400607 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 1400607
Description  Sensor/Actuator cable - SAC-3P-10,0-PVC/BI-1L-Z
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1400607 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  1400607 Datasheet HTML 1Page - PHOENIX CONTACT 1400607 Datasheet HTML 2Page - PHOENIX CONTACT 1400607 Datasheet HTML 3Page - PHOENIX CONTACT 1400607 Datasheet HTML 4Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
https://www.phoenixcontact.com/us/products/1400607
01/30/2015   Page 1 / 4
Sensor/Actuator cable - SAC-3P-10,0-PVC/BI-1L-Z - 1400607
Please be informed that the data shown in this PDF Document is generated from our Online Catalog. Please find the complete data in the user's
documentation. Our General Terms of Use for Downloads are valid
(http://phoenixcontact.com/download)
Sensor/Actuator cable, 3-position, PVC, Black RAL 9005, free cable end, on Valve connector BI (11 mm), with 1
LED, connected with Z diode, Cable length: 10 m
Product Features
 Easy and safe: 100% electrically tested plug-in components
 Robust valve connector with Zener diode as protective circuit
 Convenient: increased machine availability thanks to quick and easy diagnostics
 
Key commercial data
Packing unit
1 pc
Custom tariff number
85444290
Country of origin
Poland
Technical data
Dimensions
Length of cable
10 m
Ambient conditions
Ambient temperature (operation)
-20 °C ... 85 °C (valve plug)
Degree of protection
IP65
IP67
General
Rated current at 40°C
4 A
Rated voltage
24 V
Number of positions
3
Contact resistance
≤ 5 mΩ
Insulation resistance
≥ 100 MΩ
Status display
1 LED


Similar Part No. - 1400607

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1400605 PHOENIX-1400605 Datasheet
83Kb / 4P
Sensor/Actuator cable - SAC-3P-10,0-PVC/CI-1L-Z
1400609 PHOENIX-1400609 Datasheet
82Kb / 4P
Sensor/Actuator cable - SAC-3P- 3,0-PVC/BI-1L-Z
More results

Similar Description - 1400607

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1400605 PHOENIX-1400605 Datasheet
83Kb / 4P
Sensor/Actuator cable - SAC-3P-10,0-PVC/CI-1L-Z
1400609 PHOENIX-1400609 Datasheet
82Kb / 4P
Sensor/Actuator cable - SAC-3P- 3,0-PVC/BI-1L-Z
1400610 PHOENIX-1400610 Datasheet
83Kb / 4P
Sensor/Actuator cable - SAC-3P-10,0-PVC/B-1L-Z
1404820 PHOENIX-1404820 Datasheet
114Kb / 7P
Sensor/Actuator cable - SAC-3P-10,0-PVC/BI-1L-Z B-L
1415929 PHOENIX-1415929 Datasheet
82Kb / 4P
Sensor/Actuator cable - SAC-3P- 1,5-PVC/BI-1L-Z
1415930 PHOENIX-1415930 Datasheet
81Kb / 3P
Sensor/Actuator cable - SAC-3P- 5,0-PVC/BI-1L-Z
1415934 PHOENIX-1415934 Datasheet
82Kb / 4P
Sensor/Actuator cable - SAC-3P-10,0-PVC/BI-1L-V
1435263 PHOENIX-1435263 Datasheet
106Kb / 8P
Sensor/Actuator cable - SAC-3P-10,0-PUR/BI-1L-Z
1438914 PHOENIX-1438914 Datasheet
46Kb / 2P
Sensor/Actuator cable - SAC-3P-MR/10,0-PUR/BI-1L-Z SCO
1439531 PHOENIX-1439531 Datasheet
83Kb / 4P
Sensor/Actuator cable - SAC-3P-10,0-PVC/C-1L-Z
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com