Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BLD137DL Datasheet(PDF) 2 Page - Inchange Semiconductor Company Limited

Part # BLD137DL
Description  isc Silicon NPN Power Transistors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

BLD137DL Datasheet(HTML) 2 Page - Inchange Semiconductor Company Limited

  BLD137DL Datasheet HTML 1Page - Inchange Semiconductor Company Limited BLD137DL Datasheet HTML 2Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
INCHANGE Semiconductor
isc website:www.iscsemi.com
isc & iscsemi is registered trademark
2
isc Silicon NPN Power Transistors
BLD137DL
ELECTRICAL CHARACTERISTICS
TC=25℃ unless otherwise specified
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP.
MAX
UNIT
VCEO(SUS)
Collector-Emitter Sustaining Voltage
IC= 10mA; IB= 0
200
V
VCBO
Collector-Base Voltage
IC= 1mA; IE= 0
400
V
VEBO
Emitter-Base Voltage
IE= 1mA; IC= 0
9
V
VCE(sat)1
Collector-Emitter Saturation Voltage
IC= 2A; IB= 0.4A
0.5
V
VCE(sat)2
Collector-Emitter Saturation Voltage
IC= 10A; IB= 2A
1.5
V
VBE(sat)
Base-Emitter Saturation Voltage
IC= 10A;VCE= 2V
1.5
V
ICBO
Collector Cutoff Current
VCB= 400V
100
μ
A
ICEO
Collector Cutoff Current
VCE= 200V; IB= 0
250
μ
A
hFE-1
DC Current Gain
IC= 10mA; VCE= 5V
7
hFE-2
DC Current Gain
IC= 2A; VCE= 5V
10
40
hFE-3
DC Current Gain
IC= 12A; VCE= 5V
5



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com