Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

3511G-S08-R Datasheet(PDF) 4 Page - Unisonic Technologies

Part # 3511G-S08-R
Description  PC POWER SUPPLY SUPERVISORS
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

3511G-S08-R Datasheet(HTML) 4 Page - Unisonic Technologies

  3511G-S08-R Datasheet HTML 1Page - Unisonic Technologies 3511G-S08-R Datasheet HTML 2Page - Unisonic Technologies 3511G-S08-R Datasheet HTML 3Page - Unisonic Technologies 3511G-S08-R Datasheet HTML 4Page - Unisonic Technologies 3511G-S08-R Datasheet HTML 5Page - Unisonic Technologies 3511G-S08-R Datasheet HTML 6Page - Unisonic Technologies 3511G-S08-R Datasheet HTML 7Page - Unisonic Technologies 3511G-S08-R Datasheet HTML 8Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
3511
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
4 of 8
www.unisonic.com.tw
QW-R502-015.D
ABSOLUTE MAXIMUM RATINGS
PARAMETER
SYMBOL
RATINGS
UNIT
Supply Voltage
VDD
-0.3 ~ 16
V
Input Voltage
PDON_N, V5, V33, PGI
VIN
-0.3 ~ 7
V
FPL_N
-0.3 ~ 16
Output Voltage
PGO
VOUT
-0.3 ~ 7
V
Operating Temperature
TOPR
-40 ~ 125
°C
Storage Temperature
TSTG
-55 ~ 150
°C
Note: 1. Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
2. Stresses above those listed may cause permanent damage to the devices
RECOMMENDED OPERATING CONDITIONS
PARAMETER
SYMBOL
MIN
TYP
MAX
UNIT
Supply Voltage
VDD
3.8
12
15
V
Input Voltage
PDON_N, V5, V33, PGI
VIN
7
V
FPL_N
15
V
Output Voltage
PGO
VOUT
7
V
FPL_N
30
mA
Output Sink Current
PGO
IOSINK
10
mA
Supply Voltage Rising Time
TRS
1
ms
ELECTRICAL CHARACTERISTICS (TA=25°C, VDD=5V)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP.
MAX
UNIT
OVER VOLTAGE DETECTION
V33
3.7
3.9
4.1
V5
5.7
6.1
6.5
Over Voltage Threshold
VDD/ V12
12.8
13.4
13.9
V
ISINK=10mA
0.3
Low Level Output Voltage (FPL_N)
VOL
ISINK=30mA
0.7
V
Leakage Current (FPL_N)
ILEAKAGE
FPL_N=5V
5
μA
PGI AND PGO
V33
2.55
2.69
2.83
Under Voltage Threshold
V5
4.1
4.3
4.47
Input Threshold Voltage (PGI)
VPGI
1.16
1.20
1.24
V
Low Level Output Voltage (PGO)
VOL
ISINK=10mA
0.4
V
Leakage Current (PGO)
ILEAKAGE
PGO=5V
5
μA
PDON_N
High-Level Input Voltage
VIH
2.4
V
Low-Level Input Voltage
VIL
1.2
V
Input Pull-Up Current
Il
PDON_N=0V
150
μA
TOTAL DEVICE
Low Voltage
VDD
3
V
Supply Current
ICC
PDON_N=5V
1
mA
De-Bounce Time (PDON_N)
tDB1
32
38
61
ms
Delay Time (PGI to PGO)
tDELAY
TA= -40℃ ~ 125℃
200
300
490
ms
De-Bounce Time (PDON_N)
tDB2
32
38
61
ms
PDON_N to FPL_N delay Time
tDELAY2
TDB2+2.0 TDB2+2.4 TDB2+3.8
ms
Internal UVD Delay Time
tDELAY3
FPL_N go low & every
Time PGI>1.2V
65
75
122
ms
De-Glitch Time
tG
63
73
120
us



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com