Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ML9060 Datasheet(PDF) 9 Page - OKI electronic componets

Part # ML9060
Description  1/2 DUTY, 160-OUTPUT STATIC LCD DRIVER
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

ML9060 Datasheet(HTML) 9 Page - OKI electronic componets

Back Button ML9060 Datasheet HTML 5Page - OKI electronic componets ML9060 Datasheet HTML 6Page - OKI electronic componets ML9060 Datasheet HTML 7Page - OKI electronic componets ML9060 Datasheet HTML 8Page - OKI electronic componets ML9060 Datasheet HTML 9Page - OKI electronic componets ML9060 Datasheet HTML 10Page - OKI electronic componets ML9060 Datasheet HTML 11Page - OKI electronic componets ML9060 Datasheet HTML 12Page - OKI electronic componets ML9060 Datasheet HTML 13Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 18 page
background image
ML9060
¡ Semiconductor
9/17
In the Slave mode (M/S pin = “L”):
Leave open the pins OSCR and OSC2 and connect the pin OSC1 to the COM OUT pin of the
ML9060 which has been set in the master mode. The common signal that is input to the pin OSC1
will be used as the internal common signal and is also output via a buffer from the COM OUT
pin.
• COM OUT
This is the common signal output pin. Connect this pin to the OSC1 pin of the ML9060 that is
set in the slave mode.
During operation in the master mode (M/S pin = “H”) for static display, a common signal with
1/128th the frequency of the oscillator is output.
During operation in the master mode (M/S pin = “H”) for 1/2 duty dynamic display, a common
signal with 1/64th the frequency of the oscillator is output.
During operation in the slave mode (M/S pin = “L”), the common signal that is input at the pin
OSC1 is output from this pin via a buffer.
• SYNC
This is the I/O pin for common signal synchronization.
This pin becomes the synchronization signal output pin during operation in the master mode
(M/S pin = “H”) for 1/2 duty dynamic display.
This pin becomes the synchronization signal input pin during operation in the slave mode (M/
S pin = “H”) for 1/2 duty dynamic display.
For cascade operation in the 1/2 duty display mode, connect the SYNC pins of all ML9060 ICs
used together.
During operation in the static display mode, this pin is tied to the “L” level inside the IC.
Connect this pin either to GND or leave it open.
• DATA IN
This is the display data input pin. Input the display data in the sequence of SEG160, SEG159,
... , SEG2, SEG1. The segment is turned ON when the display data is “H” and OFF when “L”.
• DATA OUT
This is the display data output pin. During the static display mode of operation, the data of the
160th stage of the shift register is output from this pin. During the 1/2 duty dynamic display
mode, the data of the 320th stage of the shift register is output from this pin.
• CLOCK IN
This is the input pin for the shift clock of the display data. The display data that is input at the
DATA IN pin is input serially to the shift register at the rising edge of the CLOCK IN signal.
Also, the display data in the shift register is output from the DATA OUT pin at the falling edge
of the CLOCK IN signal.
• CLOCK OUT
This is the output pin for the shift clock of the display data. The shift clock signal that is input
to the CLOCK IN pin is output via a buffer from this pin.
• LOAD IN
This is the input pin for the display data load signal.
The display data in the shift register is output as such to the segment driver when this signal is
at the “H” level. When this signal is made “L”, the shift register is isolated from the segment
drivers, and the display data of the shift register just before this pin goes “L” is retained in the
data latches and transfered to the segment drivers.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com