Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S71PL129JC0BAI9P2 Datasheet(PDF) 130 Page - SPANSION

Part # S71PL129JC0BAI9P2
Description  Stacked Multi-Chip Product (MCP) Flash Memory
PDF  149 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

S71PL129JC0BAI9P2 Datasheet(HTML) 130 Page - SPANSION

Back Button S71PL129JC0BAI9P2 Datasheet HTML 126Page - SPANSION S71PL129JC0BAI9P2 Datasheet HTML 127Page - SPANSION S71PL129JC0BAI9P2 Datasheet HTML 128Page - SPANSION S71PL129JC0BAI9P2 Datasheet HTML 129Page - SPANSION S71PL129JC0BAI9P2 Datasheet HTML 130Page - SPANSION S71PL129JC0BAI9P2 Datasheet HTML 131Page - SPANSION S71PL129JC0BAI9P2 Datasheet HTML 132Page - SPANSION S71PL129JC0BAI9P2 Datasheet HTML 133Page - SPANSION S71PL129JC0BAI9P2 Datasheet HTML 134Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 130 / 149 page
background image
130
pSRAM Type 7
pSRAM_Type07_13_A1 November 2, 2004
Advance
Info rmation
pSRAM Type 7
16Mb (1M word x 16-bit)
32Mb (2M word x 16-bit)
64Mb (4M word x 16-bit)
CMOS 1M/2M/4M-Word x 16-bit Fast Cycle Random Access Memory with Low
Power SRAM Interface
Features
Asynchronous SRAM Interface
Fast Access Time
— tCE = tAA = 60ns max (16M)
— tCE = tAA = 65ns max (32M/64M)
8 words Page Access Capability
— tPAA = 20ns max (32M/64M)
Low Voltage Operating Condition
— VDD = +2.7V to +3.1V
Wide Operating Temperature
— TA = -30°C to +85°C
Byte Control by LB and UB
Various Power Down modes
—Sleep (16M)
— Sleep, 4M-bit Partial, or 8M-bit Partial (32M)
— Sleep, 8M-bit Partial, or 16M-bit Partial (64M)
Pin Description
Pin Name
Description
A21 to A0
Address Input: A19 to A0 for 16M, A20 to A0 for 32M, A21 to A0 for 64M
CE1#
Chip Enable (Low Active)
CE2#
Chip Enable (High Active)
WE#
Write Enable (Low Active)
OE#
Output Enable (Low Active)
UB#
Upper Byte Control (Low Active)
LB#
Lower Byte Control (Low Active)
DQ16-9
Upper Byte Data Input/Output
DQ8-1
Lower Byte Data Input/Output
VDD
Power Supply
VSS
Ground



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com