Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S71PL129JC0BAI9P2 Datasheet(PDF) 134 Page - SPANSION

Part # S71PL129JC0BAI9P2
Description  Stacked Multi-Chip Product (MCP) Flash Memory
PDF  149 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

S71PL129JC0BAI9P2 Datasheet(HTML) 134 Page - SPANSION

Back Button S71PL129JC0BAI9P2 Datasheet HTML 130Page - SPANSION S71PL129JC0BAI9P2 Datasheet HTML 131Page - SPANSION S71PL129JC0BAI9P2 Datasheet HTML 132Page - SPANSION S71PL129JC0BAI9P2 Datasheet HTML 133Page - SPANSION S71PL129JC0BAI9P2 Datasheet HTML 134Page - SPANSION S71PL129JC0BAI9P2 Datasheet HTML 135Page - SPANSION S71PL129JC0BAI9P2 Datasheet HTML 136Page - SPANSION S71PL129JC0BAI9P2 Datasheet HTML 137Page - SPANSION S71PL129JC0BAI9P2 Datasheet HTML 138Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 134 / 149 page
background image
134
pSRAM Type 7
pSRAM_Type07_13_A1 November 2, 2004
Advance
Info rmation
DC Characteristics
(Under Recommended Conditions Unless Otherwise Noted)
Notes:
1. All voltages are referenced to VSS.
2. DC Characteristics are measured after following POWER-UP timing.
3. IOUT depends on the output load conditions.
Parameter
Symbol
Test Conditions
16M
32M
64M
Unit
Min. Max. Min. Max. Min. Max.
Input Leakage
Current
ILI
VIN = VSS to VDD
-1.0 +1.0 -1.0 +1.0 -1.0 +1.0
µA
Output Leakage
Current
ILO
VOUT = VSS to VDD, Output Disable
-1.0 +1.0 -1.0 +1.0 -1.0 +1.0
µA
Output High
Voltage Level
VOH
VDD = VDD(min), IOH = –0.5mA
2.2
—
2.4
—
2.4
—
V
Output Low
Voltage Level
VOL
IOL = 1mA
—
0.4
—
0.4
—
0.4
V
VDD Power
Down Current
IDDPS
VDD = VDD max.,
VIN = VIH or VIL,
CE2 ≤ 0.2 V
SLEEP
10
—
10
—
10
µA
IDDP4
4M Partial
N/A
—
40
N/A
µA
IDDP8
8M Partial
N/A
—
50
—
80
µA
IDDP16
16M Partial
N/A
N/A
—
100
µA
VDD Standby
Current
IDDS
VDD = VDD max.,
VIN = VIH or VIL
CE1 = CE2 = VIH
—
1
—
1.5
—
1.5
mA
IDDS1
VDD = VDD max.,
VIN ≤ 0.2V or VIN ≥ VDD – 0.2V,
CE1 = CE2 ≥ VDD – 0.2V
TA<
+85
°C
—
100
—
80
—
170
µA
TA<
+40
°C
90
µA
VDD
Active Current
IDDA1
VDD = VDD max.,
VIN = VIH or VIL,
CE1 = VIL and CE2= VIH,
IOUT=0mA
tRC / tWC = min. —
20
—
30
—
40
mA
IDDA2
tRC / tWC = 1µs
—
3
—
3
—
5
mA
VDD Page
Read Current
IDDA3
VDD = VDD max., VIN = VIH or VIL,
CE1 = VIL and CE2= VIH,
IOUT=0mA, tPRC = min.
N/A
—
10
—
10
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com