Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S71PL129JC0BAI9P2 Datasheet(PDF) 138 Page - SPANSION

Part # S71PL129JC0BAI9P2
Description  Stacked Multi-Chip Product (MCP) Flash Memory
PDF  149 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

S71PL129JC0BAI9P2 Datasheet(HTML) 138 Page - SPANSION

Back Button S71PL129JC0BAI9P2 Datasheet HTML 134Page - SPANSION S71PL129JC0BAI9P2 Datasheet HTML 135Page - SPANSION S71PL129JC0BAI9P2 Datasheet HTML 136Page - SPANSION S71PL129JC0BAI9P2 Datasheet HTML 137Page - SPANSION S71PL129JC0BAI9P2 Datasheet HTML 138Page - SPANSION S71PL129JC0BAI9P2 Datasheet HTML 139Page - SPANSION S71PL129JC0BAI9P2 Datasheet HTML 140Page - SPANSION S71PL129JC0BAI9P2 Datasheet HTML 141Page - SPANSION S71PL129JC0BAI9P2 Datasheet HTML 142Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 138 / 149 page
background image
138
pSRAM Type 7
pSRAM_Type07_13_A1 November 2, 2004
Advance
Info rmation
AC Characteristics
AC Test Conditions
AC Measurement Output Load Circuits
Figure 53. AC Output Load Circuit – 16 Mb
Figure 54. AC Output Load Circuit – 32 Mb and 64 Mb
Symbol
Description
Test Setup
Value
Unit
Note
VIH
Input High Level
VDD * 0.8
V
VIL
Input Low Level
VDD * 0.2
V
VREF
Input Timing Measurement Level
VDD * 0.5
V
tT
Input Transition Time
Between VIL and VIH
5
ns
DEVICE
UNDER
TEST
VDD
VDD *0.5 V
VSS
OUT
0.1
µF
50 pF
50 ohm
DEVICE
UNDER
TEST
VDD
VSS
OUT
0.1
µF
50pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com