Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S71PL129JC0BAI9P2 Datasheet(PDF) 135 Page - SPANSION

Part # S71PL129JC0BAI9P2
Description  Stacked Multi-Chip Product (MCP) Flash Memory
PDF  149 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

S71PL129JC0BAI9P2 Datasheet(HTML) 135 Page - SPANSION

Back Button S71PL129JC0BAI9P2 Datasheet HTML 131Page - SPANSION S71PL129JC0BAI9P2 Datasheet HTML 132Page - SPANSION S71PL129JC0BAI9P2 Datasheet HTML 133Page - SPANSION S71PL129JC0BAI9P2 Datasheet HTML 134Page - SPANSION S71PL129JC0BAI9P2 Datasheet HTML 135Page - SPANSION S71PL129JC0BAI9P2 Datasheet HTML 136Page - SPANSION S71PL129JC0BAI9P2 Datasheet HTML 137Page - SPANSION S71PL129JC0BAI9P2 Datasheet HTML 138Page - SPANSION S71PL129JC0BAI9P2 Datasheet HTML 139Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 135 / 149 page
background image
November 2, 2004 pSRAM_Type07_13_A1
pSRAM Type 7
135
Adva nc e
inf o r m at ion
AC Characteristics
(Under Recommended Operating Conditions Unless Otherwise Noted)
Read Operation
Notes:
1. Maximum value is applicable if CE#1 is kept at Low without change of address input of A3 to A21. If needed by system
operation, please contact local Spansion representative for the relaxation of 1µs limitation.
2. Address should not be changed within minimum tRC.
3. The output load 50 pF with 50 ohm termination to VDD x 0.5 (16M), The output load 50 pF (32M and 64M).
4. The output load 5pF.
5. Applicable to A3 to A21 (32M and 64M) when CE1# is kept at Low.
6. Applicable only to A0, A1 and A2 (32M and 64M) when CE1# is kept at Low for the page address access.
7. In case Page Read Cycle is continued with keeping CE1# stays Low, CE1# must be brought to High within 4 µs. In other
words, Page Read Cycle must be closed within 4 µs.
8. Applicable when at least two of address inputs among applicable are switched from previous state.
9. tRC(min) and tPRC(min) must be satisfied.
10. If actual value of tWHOL is shorter than specified minimum values, the actual tAA of following Read can become longer by the
amount of subtracting the actual value from the specified minimum value.
Parameter
Symbol
16M
32M
64M
Unit
Notes
Min.
Max.
Min.
Max.
Min.
Max.
Read Cycle Time
tRC
70
1000
65
1000
65
1000
ns
1, 2
CE1# Access Time
tCE
—60
—
65
—
65
ns
3
OE# Access Time
tOE
—40
—
40
—
40
ns
3
Address Access Time
tAA
—60
—
65
—
65
ns
3, 5
LB# / UB# Access Time
tBA
—30
—
30
—
30
ns
3
Page Address Access Time
tPAA
N/A
—
20
—
20
ns
3,6
Page Read Cycle Time
tPRC
N/A
20
1000
20
1000
ns
1, 6, 7
Output Data Hold Time
tOH
5—5—5
—
ns
3
CE1# Low to Output Low-Z
tCLZ
5—5—5
—
ns
4
OE# Low to Output Low-Z
tOLZ
0—0—0
—
ns
4
LB# / UB# Low to Output Low-Z
tBLZ
0—0—0
—
ns
4
CE1# High to Output High-Z
tCHZ
—20
—
20
—
20
ns
3
OE# High to Output High-Z
tOHZ
—20
—
14
—
14
ns
3
LB# / UB# High to Output High-Z
tBHZ
—20
—
20
—
20
ns
3
Address Setup Time to CE1# Low
tASC
−6—
–6
—
–6
—
ns
Address Setup Time to OE# Low
tASO
10
—
10
—
10
—
ns
Address Invalid Time
tAX
—10
—
10
—
10
ns
5, 8
Address Hold Time from CE1# High
tCHAH
-6
—
–6
—
–6
—
ns
9
Address Hold Time from OE# High
tOHAH
-6
—
–6
—
–6
—
ns
WE# High to OE# Low Time for Read
tWHOL
10
1000
12
—
25
—
ns
10
CE1# High Pulse Width
tCP
10
—
12
—
12
—
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com