Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KMOC3021 Datasheet(PDF) 1 Page - COSMO Electronics Corporation

Part # KMOC3021
Description  Optoisolators Triac Driver Output(400V Volts Peak)
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COSMO [COSMO Electronics Corporation]
Direct Link  http://www.cosmo-ic.com
Logo COSMO - COSMO  Electronics Corporation

KMOC3021 Datasheet(HTML) 1 Page - COSMO Electronics Corporation

  KMOC3021 Datasheet HTML 1Page - COSMO  Electronics Corporation KMOC3021 Datasheet HTML 2Page - COSMO  Electronics Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image


Similar Part No. - KMOC3021

ManufacturerPart #DatasheetDescription
logo
COSMO Electronics Corp...
KMOC3021 COSMO-KMOC3021 Datasheet
261Kb / 10P
5PIN RANDOM-PHASE TRIAC DRIVER PHOTOCOUPLER
KMOC3021H COSMO-KMOC3021H Datasheet
86Kb / 6P
Zero Crossing Optoisolators TRIAC
KMOC3021H COSMO-KMOC3021H Datasheet
213Kb / 10P
5PIN RANDOM-PHASE TRIAC DRIVER PHOTOCOUPLER
KMOC3021H COSMO-KMOC3021H Datasheet
261Kb / 10P
5PIN RANDOM-PHASE TRIAC DRIVER PHOTOCOUPLER
KMOC3021L COSMO-KMOC3021L Datasheet
213Kb / 10P
5PIN RANDOM-PHASE TRIAC DRIVER PHOTOCOUPLER
More results

Similar Description - KMOC3021

ManufacturerPart #DatasheetDescription
logo
COSMO Electronics Corp...
KMOC3022 COSMO-KMOC3022 Datasheet
345Kb / 2P
OPTOISOLATORS TRIAC DRIVER OUTPUT ( 400VOLTGE PEAK )
KMOC3061 COSMO-KMOC3061 Datasheet
383Kb / 2P
ZERO CROSSING OPTOISOLATORS TRIAC DRIVER OUTPUT (600V VOLTS PEAK)
KMOC3081 COSMO-KMOC3081 Datasheet
385Kb / 2P
ZERO CROSSING OPTOISOLATORS TRIAC DRIVER OUTPUT (600V VOLTS PEAK)
KMOC3082 COSMO-KMOC3082 Datasheet
381Kb / 2P
ZERO CROSSING OPTOISOLATORS TRIAC DRIVER OUTPUT (600V VOLTS PEAK)
KMOC3021S COSMO-KMOC3021S Datasheet
82Kb / 6P
Optoisolators TRIAC Driver Output
KMOC3022H COSMO-KMOC3022H Datasheet
86Kb / 6P
Optoisolators TRIAC Driver Output
KMOC3022S COSMO-KMOC3022S Datasheet
82Kb / 6P
Optoisolators TRIAC Driver Output
KMOC3051S COSMO-KMOC3051S Datasheet
82Kb / 6P
Optoisolators TRIAC Driver Output
KMOC3052S COSMO-KMOC3052S Datasheet
82Kb / 6P
Optoisolators TRIAC Driver Output
logo
Fairchild Semiconductor
MOC3010 FAIRCHILD-MOC3010 Datasheet
185Kb / 7P
6-Pin DIP Random-Phoase Optoisolators Triac Driver Output (250 Volts Peak)
2000
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com