Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LP5900TL-2.5 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LP5900TL-2.5
Description  Ultra Low Noise, 100 mA Linear Regulator for RF/Analog Circuits Requires No Bypass Capacitor
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LP5900TL-2.5 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  LP5900TL-2.5 Datasheet HTML 1Page - National Semiconductor (TI) LP5900TL-2.5 Datasheet HTML 2Page - National Semiconductor (TI) LP5900TL-2.5 Datasheet HTML 3Page - National Semiconductor (TI) LP5900TL-2.5 Datasheet HTML 4Page - National Semiconductor (TI) LP5900TL-2.5 Datasheet HTML 5Page - National Semiconductor (TI) LP5900TL-2.5 Datasheet HTML 6Page - National Semiconductor (TI) LP5900TL-2.5 Datasheet HTML 7Page - National Semiconductor (TI) LP5900TL-2.5 Datasheet HTML 8Page - National Semiconductor (TI) LP5900TL-2.5 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
LP5900
Ultra Low Noise, 100 mA Linear Regulator for RF/Analog
Circuits Requires No Bypass Capacitor
General Description
The LP5900 is a linear regulator capable of supplying 100
mA output current. Designed to meet the requirements of
RF/Analog circuits, the LP5900 device provides low noise,
high PSRR, low quiescent current, and low line transient
response figures. Using new innovative design techniques
the LP5900 offers class-leading device noise performance
without a noise bypass capacitor.
The device is designed to work with 0.47 µF input and output
ceramic capacitors. (No Bypass Capacitor is required)
This device is available with 1.5V, 1.8V, 2.0V, 2.2V, 2.5V,
2.8V, 3.0V, and 3.3V outputs. Please contact your local sales
office for any other voltage options.
Features
n
Stable with 0.47 µF Ceramic Input and Output
Capacitors
n
No Noise Bypass Capacitor Required
n
Logic Controlled Enable
n
Thermal-overload and short-circuit protection
n
−40˚C to +125˚C junction temperature range for
operation
Key Specifications
n
Input voltage range
2.5V to 5.5V
n
Output voltage range
1.5V to 3.3V
n
Output current
100 mA
n
Low output voltage noise
6.5 µV
RMS
n
PSRR
85 dB at 1 kHz
n
Output voltage tolerance
± 2%
n
Virtually zero I
Q (disabled)
<1µA
n
Very low I
Q (enabled)
25 µA
n
Start-up time
150 µs
n
Low dropout
80 mV typ.
Package
4-Bump micro SMD
(lead free)
1.057 mm x 1.083 mm
Applications
n
Cellular phones
n
PDA handsets
n
Wireless LAN devices
Typical Application Circuit
20144101
July 2005
© 2005 National Semiconductor Corporation
DS201441
www.national.com


Similar Part No. - LP5900TL-2.5

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LP5900TL-2.5/NOPB TI1-LP5900TL-2.5/NOPB Datasheet
1Mb / 25P
LP5900 Ultra Low Noise, 150 mA Linear Regulator for RF/Analog Circuits Requires No Bypass Capacitor
LP5900TL-2.5/NOPB TI1-LP5900TL-2.5/NOPB Datasheet
1Mb / 30P
LP5900 150-mA Ultra-Low-Noise LDO for RF and Analog Circuits - Requires No Bypass Capacitor
LP5900TL-2.5/NOPB TI2-LP5900TL-2.5/NOPB Datasheet
1Mb / 29P
LP5900 150-mA Ultra-Low-Noise LDO for RF and Analog Circuits - Requires No Bypass Capacitor
REVISED JUNE 2016
LP5900TL-2.5/NOPB.A TI2-LP5900TL-2.5/NOPB.A Datasheet
1Mb / 29P
LP5900 150-mA Ultra-Low-Noise LDO for RF and Analog Circuits - Requires No Bypass Capacitor
REVISED JUNE 2016
More results

Similar Description - LP5900TL-2.5

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LP5904 TI1-LP5904 Datasheet
4Mb / 17P
Ultra Low Noise, 200 mA Linear Regulator for RF/Analog Circuits - Requires No Bypass Capacitor
LP5907 TI1-LP5907 Datasheet
774Kb / 13P
Ultra Low-Noise, 250 mA Linear Regulator for RF/Analog Circuits - Requires No Bypass Capacitor
LP5900SD-3.3_NOPB TI1-LP5900SD-3.3_NOPB Datasheet
1Mb / 25P
LP5900 Ultra Low Noise, 150 mA Linear Regulator for RF/Analog Circuits Requires No Bypass Capacitor
LP5900SD-3.0 TI1-LP5900SD-3.0 Datasheet
1Mb / 25P
LP5900 Ultra Low Noise, 150 mA Linear Regulator for RF/Analog Circuits Requires No Bypass Capacitor
LP5900TLX-2.8 TI1-LP5900TLX-2.8 Datasheet
1Mb / 25P
LP5900 Ultra Low Noise, 150 mA Linear Regulator for RF/Analog Circuits Requires No Bypass Capacitor
LP5907_15 TI-LP5907_15_15 Datasheet
1Mb / 36P
LP5907 Ultra Low-Noise, 250-mA Linear Regulator for RF and Analog Circuits - Requires No Bypass Capacitor
LP5900 TI-LP5900_15 Datasheet
1Mb / 30P
LP5900 Ultra Low-Noise, 150-mA Linear Regulator for RF/Analog Circuits - Requires No Bypass Capacitor
LP5904 TI-LP5904_15 Datasheet
1Mb / 23P
Ultra Low Noise, 200 mA Linear Regulator for RF/Analog Circuits - Requires No Bypass Capacitor
LP5910 TI-LP5910_15 Datasheet
994Kb / 27P
LP5910 Ultra-Low-Noise, 300-mA Linear Regulator for RF and Analog Circuits - Requires No Bypass Capacitor
LP5904 TI1-LP5904_16 Datasheet
1Mb / 23P
Ultra Low Noise, 200 mA Linear Regulator for RF/Analog Circuits - Requires No Bypass Capacitor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com