Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1SS405 Datasheet(PDF) 2 Page - Diotec Semiconductor

Part # 1SS405
Description  SMD Small Signal Schottky Diodes
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIOTEC [Diotec Semiconductor]
Direct Link  http://www.diotec.com
Logo DIOTEC - Diotec Semiconductor

1SS405 Datasheet(HTML) 2 Page - Diotec Semiconductor

  1SS405 Datasheet HTML 1Page - Diotec Semiconductor 1SS405 Datasheet HTML 2Page - Diotec Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
1SS405
Characteristics
Kennwerte
1SS405
Forward voltage
Durchlass-Spannung
Tj = 25°C
IF =
50 mA
VF
< 0.55 V 1)
Leakage current
Sperrstrom
Tj = 25°C
VR =
20 V
IR
< 500 nA 1)
Typical junction capacitance
Typische Sperrschichtkapazität
VR = 0 V
f = 1 Mhz
Cj
3.9 pF
Thermal resistance junction to ambient
Wärmewiderstand Sperrschicht – Umgebung
RthA
< 660 K/W 2)
Disclaimer: See data book page 2 or website
Haftungssauschluss: Siehe Datenbuch Seite 2 oder Internet
1
Tested with pulses tp = 300 µs, duty cycle ≤ 2%
– Gemessen mit Impulsen tp = 300 µs, Schaltverhältnis ≤ 2%
2
Mounted with 16 mm2 copper pads at each terminal – Montage mit 16 mm2 Kupferbelag (Lötpad) an jedem Anschluss
2
http://www.diotec.com/
© Diotec Semiconductor AG
120
100
80
60
40
20
0
[%]
[°C]
T
A
150
100
50
0
P
tot
Power dissipation versus ambient temperature )
2
Verlustleistung in Abh. von d. Umgebungstemp. )
2
[A]
I
F
Forward characteristics (typical values)
Durchlasskennlinien (typische Werte)
10
1
10-1
10-2
10-3
[µA]
I
R
0
V
R
40
60
100
[%]
Typ. instantaneous leakage current vs. rev. voltage
Typ. Sperrstrom (Augenblickswert) ü. Sperrspannung
T = 25°C
j
T = 100°C
j
T = 75°C
j
T = 50°C
j
T = 0°C
j



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com