Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EAILP02RRHA0 Datasheet(PDF) 2 Page - Everlight Electronics Co., Ltd

Part # EAILP02RRHA0
Description  1.6mm Side Looking Infrared Emitting Diode
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EVERLIGHT [Everlight Electronics Co., Ltd]
Direct Link  http://www.everlight.com
Logo EVERLIGHT - Everlight Electronics Co., Ltd

EAILP02RRHA0 Datasheet(HTML) 2 Page - Everlight Electronics Co., Ltd

  EAILP02RRHA0 Datasheet HTML 1Page - Everlight Electronics Co., Ltd EAILP02RRHA0 Datasheet HTML 2Page - Everlight Electronics Co., Ltd EAILP02RRHA0 Datasheet HTML 3Page - Everlight Electronics Co., Ltd EAILP02RRHA0 Datasheet HTML 4Page - Everlight Electronics Co., Ltd EAILP02RRHA0 Datasheet HTML 5Page - Everlight Electronics Co., Ltd EAILP02RRHA0 Datasheet HTML 6Page - Everlight Electronics Co., Ltd EAILP02RRHA0 Datasheet HTML 7Page - Everlight Electronics Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Package Dimension
Notes: 1. All dimensions are in millimeters
Notes: 2. Tolerances unless dimensions ±0.3 mm
Absolute Maximum Ratings (Ta=25℃)
Parameter
Symbol
Rating
Units
Continuous Forward Current
IF
50
mA
Reverse Voltage
VR
5
V
Operating Temperature
Topr
-25 ~ +85
˚C
Storage Temperature
Tstg
-40 ~ +85
˚C
Soldering Temperature*1
Tsol
260
˚C
Power Dissipation at (or below)
25˚C Free Air Temperature
Pd
75
mW
Notes:
*1: Soldering time≦5 seconds.
Page 2 of 7
Rev. 0.01
Ver.:4 Release Date:12/20/2016 Confidential Level:一般 狀態:Approved(正式發行)
 



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com