Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S71PL129JC0BAW9B3 Datasheet(PDF) 80 Page - SPANSION

Part # S71PL129JC0BAW9B3
Description  Stacked Multi-Chip Product (MCP) Flash Memory
PDF  149 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

S71PL129JC0BAW9B3 Datasheet(HTML) 80 Page - SPANSION

Back Button S71PL129JC0BAW9B3 Datasheet HTML 76Page - SPANSION S71PL129JC0BAW9B3 Datasheet HTML 77Page - SPANSION S71PL129JC0BAW9B3 Datasheet HTML 78Page - SPANSION S71PL129JC0BAW9B3 Datasheet HTML 79Page - SPANSION S71PL129JC0BAW9B3 Datasheet HTML 80Page - SPANSION S71PL129JC0BAW9B3 Datasheet HTML 81Page - SPANSION S71PL129JC0BAW9B3 Datasheet HTML 82Page - SPANSION S71PL129JC0BAW9B3 Datasheet HTML 83Page - SPANSION S71PL129JC0BAW9B3 Datasheet HTML 84Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 80 / 149 page
background image
80
pSRAM Type 6
pSRAM_Type06_14_A1 Ocotober 16, 2004
Advance
Info rmation
Functional Description
Legend:L = Low-level Input (VIL), H = High-level Input (VIH), X = VIL or VIH, High-Z = High Impedance.
Absolute Maximum Ratings
Note: ESD Immunity: Spansion Flash memory Multi-Chip Products (MCPs) may contain component devices that are
developed by Spansion and component devices that are developed by a third party (third-party components). Spansion
components are tested and guaranteed to the ESD immunity levels listed in the corresponding Spansion Flash memory
Qualification Database. Third-party components are neither tested nor guaranteed by Spansion for ESD immunity. How-
ever, ESD test results for third-party components may be available from the component manufacturer. Component man-
ufacturer contact information is listed in the Spansion MCP Qualification Report, when available. The Spansion Flash
memory Qualification Database and Spansion MCP Qualification Report are available from Spansion sales offices.
DC Recommended Operating Conditions (Ta = -40°C to 85°C)
Note: VIH (Max) VDD = 1.0 V with 10 ns pulse width. VIL (Min) -1.0 V with 10 ns pulse width.
Mode
CE1#
CE2
OE#
WE#
LB#
UB#
Address
I/O1-8
I/O9-16
Power
Read (Word)
L
H
L
H
L
L
X
DOUT
DOUT
IDDO
Read (Lower Byte)
L
H
L
H
L
H
X
DOUT
High-Z
IDDO
Read (Upper Byte)
L
H
L
H
H
L
X
High-Z
DOUT
IDDO
Write (Word)
L
H
X
L
L
L
X
DIN
DIN
IDDO
Write (Lower Byte)
L
H
X
L
L
H
X
DIN
Invalid
IDDO
Write (Upper Byte)
L
H
X
L
H
L
X
Invalid
DIN
IDDO
Outputs Disabled
L
H
H
H
X
X
X
High-Z
High-Z
IDDO
Standby
H
H
X
X
X
X
X
High-Z
High-Z
IDDO
Deep Power-down Standby
H
L
X
X
X
X
X
High-Z
High-Z
IDDSD
Symbol
Rating
Value
Unit
VDD
Power Supply Voltage
-1.0 to 3.6
V
VIN
Input Voltage
-1.0 to 3.6
V
VOUT
Output Voltage
-1.0 to 3.6
V
Topr
Operating Temperature
-40 to 85
°C
Tstrg
Storage Temperature
-55 to 150
°C
PD
Power Dissipation
0.6
W
IOUT
Short Circuit Output Current
50
mA
Symbol
Parameter
Min
Typ
Max
Unit
VDD
Power Supply Voltage
2.6
2.75
3.3
V
VIH
Input High Voltage
2.0
—
VDD + 0.3 (Note)
VIL
Input Low Voltage
-0.3 (Note)
—
0.4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com