| Electronic Components Datasheet Search |
|
LTL911SHKSA Datasheet(PDF) 3 Page - Lite-On Technology Corporation |
|
|
|||||||||||||||||||||||||||||
LTL911SHKSA Datasheet(HTML) 3 Page - Lite-On Technology Corporation |
|
3 / 12 page ![]() LITE-ON ELECTRONICS, INC. Propert y of Li t e - O n O n l y Benefits ! Fewer LEDs Required ! Lower lighting System Cost Applications ! Automotive Lighting " CHMSL " Stop Lamp " Rear Turn Signal Lamp " Front Turn Signal Lamp " Indirect Lighting ! Signs and Signals Features ! High Current Operation ! High Flux Output ! Low Thermal Resistance ! Low Profile ! Wide Viewing Angle ! Meet SAE/ ECE/ JIS Automotive Color Requirement ! Tube Package for Automatic Loading and Insertion Process Description These parts are designed for high current operation and high flux output applications. In order to solve the high temperature produced by the higher current operation, the package’s design features better thermal management characteristics than other LED solutions coupled with an efficient optical design. This package design allows the lighting designer to reduce the number of LEDs required as well as the overall lighting system cost. The low profile package can be easily coupled to reflectors or lenses to efficiently distribute light and provide the desired illuminated appearance. This product family employs the world’s brightest red, red-orange, amber, blue, cyan, green, and white LED materials etc., which allow designers to match the color of popular lighting applications, such as automotive lighting and electronic signs. Devices Part No (LTL*) Lens Source Color Diffusion Dice Source Color 911SEKSA/912SEKSA Water Clear Non-Diffused AlInGaP Red 911SHKSA/912SHKSA Water Clear Non-Diffused AlInGaP Red-Orange 911SYKSA/912SYKSA Water Clear Non-Diffused AlInGaP Amber 911TBKS/912TBKS Water Clear Non-Diffused InGaN Blue 911TCKS/912TCKS Water Clear Non-Diffused InGaN Cyan 911TGKS/912TGKS Water Clear Non-Diffused InGaN Green 911TWKS/912TWKS Water Clear Non-Diffused InGaN White Part No. : LTL911/912 series Page 3 of 12 BNS-OD-C131/A4 |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |