Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IXFP36N20X3M Datasheet(PDF) 1 Page - IXYS Corporation

Part # IXFP36N20X3M
Description  N-Channel Enhancement Mode
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXFP36N20X3M Datasheet(HTML) 1 Page - IXYS Corporation

  IXFP36N20X3M Datasheet HTML 1Page - IXYS Corporation IXFP36N20X3M Datasheet HTML 2Page - IXYS Corporation IXFP36N20X3M Datasheet HTML 3Page - IXYS Corporation IXFP36N20X3M Datasheet HTML 4Page - IXYS Corporation IXFP36N20X3M Datasheet HTML 5Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
© 2018 IXYS CORPORATION, All Rights Reserved
DS100847C(10/18)
N-Channel Enhancement Mode
IXFP36N20X3M
V
DSS
= 200V
I
D25
= 36A
R
DS(on)
 45m
Features
International Standard Package
Plastic Overmolded Tab
Low R
DS(ON) and QG
Avalanche Rated
2500V~ Electrical Isolation
Low Package Inductance
Advantages
High Power Density
Easy to Mount
Space Savings
Applications
Switch-Mode and Resonant-Mode
Power Supplies
DC-DC Converters
PFC Circuits
AC and DC Motor Drives
Robotics and Servo Controls
Symbol
Test Conditions
Characteristic Values
(T
J = 25C, Unless Otherwise Specified)
Min.
Typ.
Max.
BV
DSS
V
GS = 0V, ID = 250μA
200
V
V
GS(th)
V
DS = VGS, ID = 500μA
2.5
4.5
V
I
GSS
V
GS = 20V, VDS = 0V
100 nA
I
DSS
V
DS = VDSS, VGS = 0V
5
A
T
J = 125C
100
A
R
DS(on)
V
GS = 10V, ID = 18A, Note 1
38
45 m
Symbol
Test Conditions
Maximum Ratings
V
DSS
T
J
= 25
C to 150C
200
V
V
DGR
T
J
= 25
C to 150C, R
GS = 1M
200
V
V
GSS
Continuous
20
V
V
GSM
Transient
30
V
I
D25
T
C = 25C, Limited by T
JM
36
A
I
DM
T
C = 25C, Pulse Width Limited by TJM
50
A
I
A
T
C = 25C
18
A
E
AS
T
C = 25C
300
mJ
dv/dt
I
S
 I
DM, VDD  VDSS, TJ  150°C
20
V/ns
P
D
T
C = 25C36
W
T
J
-55 ... +150
C
T
JM
150
C
T
stg
-55 ... +150
C
T
L
Maximum Lead Temperature for Soldering
300
°C
T
SOLD
1.6 mm (0.062in.) from Case for 10s
260
°C
V
ISOL
50/60 Hz, 1 Minute
2500
V~
M
d
Mounting Torque
1.13 / 10
Nm/lb.in
Weight
2.5
g
(Electrically Isolated Tab)
X3-Class HiPerFETTM
Power MOSFET
Preliminary Technical Information
G = Gate
D = Drain
S = Source
OVERMOLDED
TO-220
G
D S
Isolated Tab


Similar Part No. - IXFP36N20X3M

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
IXFP36N20X3M ISC-IXFP36N20X3M Datasheet
243Kb / 2P
isc N-Channel MOSFET Transistor
More results

Similar Description - IXFP36N20X3M

ManufacturerPart #DatasheetDescription
logo
Transys Electronics
IRF830 TRSYS-IRF830 Datasheet
282Kb / 3P
N-CHANNEL ENHANCEMENT MODE
logo
Advanced Power Technolo...
ARF446 ADPOW-ARF446 Datasheet
61Kb / 4P
N-CHANNEL ENHANCEMENT MODE
ARF450 ADPOW-ARF450 Datasheet
178Kb / 4P
N-CHANNEL ENHANCEMENT MODE
logo
List of Unclassifed Man...
P2503NVG ETC1-P2503NVG Datasheet
594Kb / 8P
N P-Channel Enhancement Mode Enhancement Mode
logo
Guangdong Kexin Industr...
KO3414 KEXIN-KO3414 Datasheet
53Kb / 2P
N-Channel Enhancement Mode
logo
IXYS Corporation
IXTH60N20L2 IXYS-IXTH60N20L2 Datasheet
155Kb / 5P
N-Channel Enhancement Mode
IXTH220N075T IXYS-IXTH220N075T Datasheet
190Kb / 5P
N-Channel Enhancement Mode
IXTR62N15P IXYS-IXTR62N15P Datasheet
212Kb / 2P
N-Channel Enhancement Mode
logo
New Jersey Semi-Conduct...
VN0104N2 NJSEMI-VN0104N2 Datasheet
68Kb / 1P
N-Channel Enhancement-Mode
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com