Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SI5321 Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # SI5321
Description  SONET/SDH PRECISION CLOCK MULTIPLIER IC
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

SI5321 Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

Back Button SI5321 Datasheet HTML 2Page - List of Unclassifed Manufacturers SI5321 Datasheet HTML 3Page - List of Unclassifed Manufacturers SI5321 Datasheet HTML 4Page - List of Unclassifed Manufacturers SI5321 Datasheet HTML 5Page - List of Unclassifed Manufacturers SI5321 Datasheet HTML 6Page - List of Unclassifed Manufacturers SI5321 Datasheet HTML 7Page - List of Unclassifed Manufacturers SI5321 Datasheet HTML 8Page - List of Unclassifed Manufacturers SI5321 Datasheet HTML 9Page - List of Unclassifed Manufacturers SI5321 Datasheet HTML 10Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 34 page
background image
Si5321
6
Rev. 2.3
Table 2. DC Characteristics, VDD =3.3 V
(VDD33 =3.3 V ±5%, TA =–20 to 85 °C)
Parameter
Symbol
Test Condition
Min
Typ
Max
Unit
Supply Current 1
IDD
622.08 MHz In,
19.44 MHz Out
—
141
155
mA
Supply Current 2
IDD
19.44 MHz In,
622.08 MHz Out
—
135
145
mA
Power Dissipation Using 3.3 V Supply
Clock Output
PD
19.44 MHz In,
622.08 MHz Out
—
445
479
mW
Common Mode Input Voltage1,2,3
(CLKIN)
VICM
1.0
1.5
2.0
V
Single-Ended Input Voltage2,3,4
(CLKIN)
VIS
See Figure 1A
200
—
5004
mVPP
Differential Input Voltage Swing2,3,4
(CLKIN)
VID
See Figure 1B
200
—
5004
mVPP
Input Impedance
(CLKIN+, CLKIN–)
RIN
—80
—
k
Ω
Differential Output Voltage Swing
(CLKOUT)
VOD
100
Ω Load
Line-to-Line
750
825
1100
mVPP
Output Common Mode Voltage
(CLKOUT)
VOCM
100
Ω Load
Line-to-Line
1.4
1.8
2.2
V
Output Short to GND (CLKOUT)
ISC(–)
–60
—
—
mA
Output Short to VDD25 (CLKOUT)
ISC(+)
—15
—
mA
Input Voltage Low (LVTTL Inputs)
VIL
——
0.8
V
Input Voltage High (LVTTL Inputs)
VIH
2.0
—
—
V
Input Low Current (LVTTL Inputs)
IIL
——
50
µA
Input High Current (LVTTL Inputs)
IIH
——
50
µA
Internal Pulldowns (LVTTL Inputs)
Ipd
——
50
µA
Input Impedance (LVTTL Inputs)
RIN
50
—
—
k
Ω
Output Voltage Low (LVTTL Outputs)
VOL
IO =0.5 mA
—
—
0.4
V
Output Voltage High (LVTTL Outputs)
VOH
IO =0.5 mA
2.0
—
—
V
Notes:
1. The Si5321 device provides weak 1.5 V internal biasing that enables ac-coupled operation.
2. Clock inputs may be driven differentially or single-endedly. When driven single-endedly, the unused input should be ac-
coupled to ground.
3. Transmission line termination, when required, must be provided externally.
4. Although the Si5321 device can operate with input clock swings as high as 1500 mVPP, Silicon Laboratories recommends
maintaining the input clock amplitude below 500 mVPP for optimal performance.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com