Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SFH4502 Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # SFH4502
Description  Schnelle IR-Lumineszenzdiode (950 nm) im 5 mm Radial-Gehuse
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

SFH4502 Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  SFH4502 Datasheet HTML 1Page - List of Unclassifed Manufacturers SFH4502 Datasheet HTML 2Page - List of Unclassifed Manufacturers SFH4502 Datasheet HTML 3Page - List of Unclassifed Manufacturers SFH4502 Datasheet HTML 4Page - List of Unclassifed Manufacturers SFH4502 Datasheet HTML 5Page - List of Unclassifed Manufacturers SFH4502 Datasheet HTML 6Page - List of Unclassifed Manufacturers SFH4502 Datasheet HTML 7Page - List of Unclassifed Manufacturers SFH4502 Datasheet HTML 8Page - List of Unclassifed Manufacturers SFH4502 Datasheet HTML 9Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
SFH 4501, SFH 4502, SFH 4503
2000-01-01
5
OPTO SEMICONDUCTORS
Relative Spectral Emission
Irel = f (λ)
Forward Current
I
F = f (VF)
single pulse,
t
p = 20 µs
OHF00777
nm
800
Ι
rel
λ
0
850
900
950 1000
1100
20
40
60
80
100
OHF00784
10
-3
V
mA
0
Ι
F
V
F
0.5 1 1.5 2 2.5 3 3.5
4.5
10
-2
10
-1
10
0
10
1
10
2
10
3
10
4
Radiant Intensity
Single pulse,
t
p = 20 µs
Ι
e
Ι
e 100 mA
=
f (I
F)
e
e (100 mA)
mA
OHF00809
F
Ι
Ι
Ι
10
4
0
10
10
1
10
23
10
10 -3
10 -2
10
10 -1
0
10 2
Max. Permissible Forward Current
I
F = f (TA)
OHF00359
0
F
Ι
0
20
40
60
80
100
120
20
40
60
80
100
120
mA
˚C
T
A
R
thJA = 450 K/W



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com