Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICS342 Datasheet(PDF) 1 Page - Integrated Device Technology

Part # ICS342
Description  FIELD PROGRAMMABLE DUAL OUTPUT SS VERSACLOCK SYNTHESIZER
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ICS342 Datasheet(HTML) 1 Page - Integrated Device Technology

  ICS342 Datasheet HTML 1Page - Integrated Device Technology ICS342 Datasheet HTML 2Page - Integrated Device Technology ICS342 Datasheet HTML 3Page - Integrated Device Technology ICS342 Datasheet HTML 4Page - Integrated Device Technology ICS342 Datasheet HTML 5Page - Integrated Device Technology ICS342 Datasheet HTML 6Page - Integrated Device Technology ICS342 Datasheet HTML 7Page - Integrated Device Technology ICS342 Datasheet HTML 8Page - Integrated Device Technology ICS342 Datasheet HTML 9Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
DATASHEET
FIELD PROGRAMMABLE DUAL OUTPUT SS VERSACLOCK SYNTHESIZER
I CS3 4 2
IDT® / ICS™ FIELD PROGRAMMABLE DUAL OUTPUT SS VERSACLOCK SYNTHESIZER 1
ICS342
REV N 090613
Description
The ICS342 is a low cost, dual-output, field programmable
clock synthesizer. The ICS342 can generate two output
frequencies from 250 kHz to 200 MHz, using up to two
independently configurable PLLs. The outputs may employ
Spread Spectrum techniques to reduce system
electro-magnetic interference (EMI).
Using IDT’s VersaClockTM software to configure the PLL
and output, the ICS342 contains a One-Time
Programmable (OTP) ROM to allow field programmability.
Programming features include 2 selectable configuration
registers. Using Phase-Locked Loop (PLL) techniques, the
device runs from a standard fundamental mode,
inexpensive crystal, or clock. It can replace multiple crystals
and oscillators, saving board space and cost.
The device also has a power down feature that tri-states the
clock outputs and turns off the PLLs when the PDTS pin is
taken low.
The ICS342 is also available in factory programmed custom
versions for high-volume applications.
Features
8-pin SOIC package (Pb-free)
Highly accurate frequency generation
M/N Multiplier PLL: M = 1...2048, N = 1...1024
Output clock frequencies up to 200 MHz
Two ROM locations for frequency and spread selection
Spread spectrum capability for lower system EMI
Center or Down Spread up to 4% total
Selectable 32 kHz or 120 kHz modulation
Input crystal frequency from 5 to 27 MHz
Input clock frequency from 2 to 50 MHz
Operating voltage of 3.3 V
Advanced, low power CMOS process
For one output clock, use the ICS341. For three output
clocks, see the ICS343. For more than three outputs, see
the ICS345 or ICS348.
Block Diagram
Crystal
Oscillator
PDTS (both outputs and PLL)
OTP ROM
with PLL
Divider
Values
SEL
VDD
GND
CLK1
CLK2
PLL Clock Synthesis,
Spred Spectrum and
Control Circuitry
X2
Crystal or
clock input
External capacitors are
required with a crystal input.
X1/ICLK


Similar Part No. - ICS342

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS342 ICST-ICS342 Datasheet
151Kb / 7P
FIELD PROGRAMMABLE DUAL OUTPUT SS VERSACLOCK SYNTHESIZER
Revision 090704
ICS342MIP ICST-ICS342MIP Datasheet
151Kb / 7P
FIELD PROGRAMMABLE DUAL OUTPUT SS VERSACLOCK SYNTHESIZER
Revision 090704
ICS342MLF ICST-ICS342MLF Datasheet
151Kb / 7P
FIELD PROGRAMMABLE DUAL OUTPUT SS VERSACLOCK SYNTHESIZER
Revision 090704
ICS342MP ICST-ICS342MP Datasheet
151Kb / 7P
FIELD PROGRAMMABLE DUAL OUTPUT SS VERSACLOCK SYNTHESIZER
Revision 090704
More results

Similar Description - ICS342

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS343 ICST-ICS343 Datasheet
149Kb / 7P
Field Programmable Triple Output SS VersaClock Synthesizer
Revision 090704
ICS342 ICST-ICS342 Datasheet
151Kb / 7P
FIELD PROGRAMMABLE DUAL OUTPUT SS VERSACLOCK SYNTHESIZER
Revision 090704
ICS341 ICST-ICS341 Datasheet
152Kb / 7P
Field Programmable SS VersaClock Synthesizer
Revision 090704
ICS252 ICST-ICS252 Datasheet
153Kb / 9P
Field Programmable Dual Output SS VersaClock Synthesizer
Revision 011606
logo
Integrated Device Techn...
ICS252 IDT-ICS252 Datasheet
210Kb / 11P
FIELD PROGRAMMABLE DUAL OUTPUT SS VERSACLOCK SYNTHESIZER
ICS251 IDT-ICS251 Datasheet
216Kb / 10P
FIELD PROGRAMMABLE SS VERSACLOCK SYNTHESIZER
ICS251 IDT-ICS251_99 Datasheet
90Kb / 10P
Field Programmable SS VersaClock Synthesizer
ICS252 IDT-ICS252_12 Datasheet
115Kb / 10P
FIELD PROGRAMMABLE DUAL OUTPUT SS VERSACLOCK SYNTHESIZER
ICS341 IDT-ICS341 Datasheet
114Kb / 9P
FIELD PROGRAMMABLE SS VERSACLOCK SYNTHESIZER
ICS343 IDT-ICS343 Datasheet
127Kb / 9P
FIELD PROGRAMMABLE TRIPLE OUTPUT SS VERSACLOCK SYNTHESIZER
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com