Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

342MIPLFT Datasheet(PDF) 7 Page - Integrated Device Technology

Part # 342MIPLFT
Description  FIELD PROGRAMMABLE DUAL OUTPUT SS VERSACLOCK SYNTHESIZER
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

342MIPLFT Datasheet(HTML) 7 Page - Integrated Device Technology

  342MIPLFT Datasheet HTML 1Page - Integrated Device Technology 342MIPLFT Datasheet HTML 2Page - Integrated Device Technology 342MIPLFT Datasheet HTML 3Page - Integrated Device Technology 342MIPLFT Datasheet HTML 4Page - Integrated Device Technology 342MIPLFT Datasheet HTML 5Page - Integrated Device Technology 342MIPLFT Datasheet HTML 6Page - Integrated Device Technology 342MIPLFT Datasheet HTML 7Page - Integrated Device Technology 342MIPLFT Datasheet HTML 8Page - Integrated Device Technology 342MIPLFT Datasheet HTML 9Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
ICS342
FIELD PROGRAMMABLE DUAL OUTPUT SS VERSACLOCK SYNTHESIZER
EPROM CLOCK SYNTHESIZER
IDT® / ICS™ FIELD PROGRAMMABLE DUAL OUTPUT SS VERSACLOCK SYNTHESIZER 7
ICS342
REV N 090613
Package Outline and Package Dimensions (8-pin SOIC, 150 Mil. Body)
Package dimensions are kept current with JEDEC Publication No. 95
Ordering Information
"LF" suffix to the part number denotes Pb-Free configuration, RoHS compliant.
The 342M-XXLF and 342MI-XXLF are factory programmed versions of the 342MPLF and 342MIPLF. A unique “-XX” suffix is
assigned by the factory for each custom configuration, and a separate data sheet is kept on file. For more information on custom
part numbers programmed at the factory, please contact your local IDT sales and marketing representative.
While the information presented herein has been checked for both accuracy and reliability, IDT assumes no responsibility for either its use
or for the infringement of any patents or other rights of third parties, which would result from its use. No other circuits, patents, or licenses
are implied. This product is intended for use in normal commercial applications. Any other applications such as those requiring extended
temperature range, high reliability, or other extraordinary environmental requirements are not recommended without additional processing
by IDT. IDT reserves the right to change any circuitry or specifications without notice. ICS does not authorize or warrant any IDT product
for use in life support devices or critical medical instruments.
Part / Order Number
Marking
Shipping Packaging
Package
Temperature
342MPLF
342MPLF
Tubes
8-pin SOIC
0 to +70 C
342MPLFT
342MPLF
Tape and Reel
8-pin SOIC
0 to +70 C
342MIPLF
342MIPLF
Tubes
8-pin SOIC
-40 to +85 C
342MIPLFT
342MIPLF
Tape and Reel
8-pin SOIC
-40 to +85 C
342M-XXLF
342MXXLF
Tubes
8-pin SOIC
0 to +70 C
342M-XXLFT
342MXXLF
Tape and Reel
8-pin SOIC
0 to +70 C
342MI-XXLF
342MIXXL
Tubes
8-pin SOIC
-40 to +85 C
342MI-XXLFT
342MIXXL
Tape and Reel
8-pin SOIC
-40 to +85 C
INDEX
AREA
1 2
8
D
E
SEATING
PLANE
A1
A
e
- C -
B
.10 (.004)
C
C
L
H
h x 45
Millimeters
Inches
Symbol
Min
Max
Min
Max
A
1.35
1.75
.0532
.0688
A1
0.10
0.25
.0040
.0098
B
0.330.51
.013.020
C
0.19
0.25
.0075
.0098
D
4.80
5.00
.1890
.1968
E
3.80
4.00
.1497
.1574
e
1.27 BASIC
0.050 BASIC
H
5.80
6.20
.2284
.2440
h
0.250.50
.010.020
L
0.401.27
.016.050
0
8
0
8



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com