Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MP04740 Datasheet(PDF) 1 Page - Golledge Electronics Ltd

Part # MP04740
Description  SAW Filter 190.0MHz
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GOLLEDGE [Golledge Electronics Ltd]
Direct Link  http://www.golledge.com
Logo GOLLEDGE - Golledge Electronics Ltd

MP04740 Datasheet(HTML) 1 Page - Golledge Electronics Ltd

  MP04740 Datasheet HTML 1Page - Golledge Electronics Ltd MP04740 Datasheet HTML 2Page - Golledge Electronics Ltd MP04740 Datasheet HTML 3Page - Golledge Electronics Ltd MP04740 Datasheet HTML 4Page - Golledge Electronics Ltd MP04740 Datasheet HTML 5Page - Golledge Electronics Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Tel: +44 1460 256 100
Fax: +44 1460 256 101
www.golledge.com
Golledge Electronics Ltd
Eaglewood Park, ILMINSTER
Somerset, TA19 9DQ, UK
SAW Filter 190.0MHz
Model: TB0909A
Part No: MP04740
Rev No: 1
TA0909A v1
1
A. MAXIMUM RATING:
1. Operating temperature range: -30°C to 85°C
2. Storage temperature range: -40°C to 85°C
3. Input Power Level: 10dBm
4. Maximum DC Voltage: 10V
B. CHARACTERISTICS:
Item
Unit
Min.
Typ.
Max.
Center frequency Fc
MHz
-
190
-
Insertion Loss IL
dB
-
7.7
10.0
1dB Lower Band edge
MHz
-
187.2
188
1dB Upper Band edge
192
192.6
10dB Lower Band edge
185
185.8
10dB Upper Band edge
194
195
30dB Lower Band edge
183.5
185.0
30dB Upper Band edge
194.8
196.5
Passband Ripple Fc ± 2MHz
dB
-
0.4
1.0
Group Delay Ripple Fc ± 2MHz
ns
-
50
200
Temperature Coefficient
ppm/°C
-
-23
-
Source Impedance
Ohm
-
50
-
Load Impedance
Ohm
-
50
-


Similar Part No. - MP04740

ManufacturerPart #DatasheetDescription
logo
Golledge Electronics Lt...
MP04720 GOLLEDGE-MP04720 Datasheet
128Kb / 5P
SAW Filter 446.0MHz
MP04725 GOLLEDGE-MP04725 Datasheet
202Kb / 6P
SAW Resonator 1040.0MHz
MP04734 GOLLEDGE-MP04734 Datasheet
173Kb / 6P
SAW Filter 1000.0MHz
MP04754 GOLLEDGE-MP04754 Datasheet
466Kb / 7P
SAW Filter 1400.0MHz
MP04766 GOLLEDGE-MP04766 Datasheet
104Kb / 5P
SAW Filter 70.0MHz
More results

Similar Description - MP04740

ManufacturerPart #DatasheetDescription
logo
SIPAT Co,Ltd
LBT70A39 SIPAT-LBT70A39_10 Datasheet
157Kb / 4P
70MHz SAW Filter 70MHz SAW Filter
LBT70A39 SIPAT-LBT70A39 Datasheet
157Kb / 4P
70MHz SAW Filter 70MHz SAW Filter
logo
TDK Electronics
B39232B3526U510 TDK-B39232B3526U510 Datasheet
128Kb / 9P
SAW Components SAW filter
B39202B9467P810 TDK-B39202B9467P810 Datasheet
116Kb / 8P
SAW Components SAW filter
B39202B9477P810 TDK-B39202B9477P810 Datasheet
205Kb / 8P
SAW Components SAW Filter
B39202B9484P810 TDK-B39202B9484P810 Datasheet
121Kb / 8P
SAW Components SAW filter
B39252B9494P810 TDK-B39252B9494P810 Datasheet
115Kb / 8P
SAW Components SAW filter
logo
Golledge Electronics Lt...
MA06396 GOLLEDGE-MA06396 Datasheet
90Kb / 4P
SAW Filter 190.0MHz
MA07913 GOLLEDGE-MA07913 Datasheet
168Kb / 4P
SAW Filter 190.0MHz
MP03498 GOLLEDGE-MP03498 Datasheet
59Kb / 5P
SAW Filter 190.0MHz
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com