Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TBU-DF Datasheet(PDF) 3 Page - Bourns Electronic Solutions

Part # TBU-DF
Description  TBU High-Speed Protectors
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

TBU-DF Datasheet(HTML) 3 Page - Bourns Electronic Solutions

  TBU-DF Datasheet HTML 1Page - Bourns Electronic Solutions TBU-DF Datasheet HTML 2Page - Bourns Electronic Solutions TBU-DF Datasheet HTML 3Page - Bourns Electronic Solutions TBU-DF Datasheet HTML 4Page - Bourns Electronic Solutions TBU-DF Datasheet HTML 5Page - Bourns Electronic Solutions TBU-DF Datasheet HTML 6Page - Bourns Electronic Solutions TBU-DF Datasheet HTML 7Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
3312-2mmSMDTrimmingPotentiometer
TBU-DF Series - TBU® High-Speed Protectors
Specificationsaresubjecttochangewithoutnotice.
Usersshouldverifyactualdeviceperformanceintheirspecificapplications.
Theproductsdescribedhereinandthisdocumentaresubjecttospecificlegaldisclaimersassetforthonthelastpageofthisdocument,andatwww.bourns.com/docs/legal/disclaimer.pdf.
Performance Graphs
Typical V-I Characteristics
Normalized Itrigger vs. Temperature
Power Derating Curve
CURRENT
VOLTAGE
ITRIP
VRESET
3.0
2.5
2.0
1.5
1.0
0.5
0.0
25
45
65
85
105
125
145
Junction Temperature (°C)
-55
-35
-15
525456585
105
125
Temperature (°C)
2.5
2.0
1.5
1.0
0.5
0.0
Multilayer JESD51-7 (2 TBU® HSPs)
Single Layer (2 TBU® HSPs)
Multilayer JESD51-7 (1 TBU® HSP)
Single Layer (1 TBU® HSP)
1.4
1.2
1.6
1.8
1.0
0.8
0.6
0.4
0.2
0.0
-55
-35
-15
525456585
105
125
Temperature (°C)
TYPICAL TRIGGER CURRENT
Normalized Resistance vs. Temperature



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com