Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TOP221P Datasheet(PDF) 18 Page - Power Integrations, Inc.

Part # TOP221P
Description  Three-terminal Off-line PWM Switch
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

TOP221P Datasheet(HTML) 18 Page - Power Integrations, Inc.

Back Button TOP221P Datasheet HTML 12Page - Power Integrations, Inc. TOP221P Datasheet HTML 13Page - Power Integrations, Inc. TOP221P Datasheet HTML 14Page - Power Integrations, Inc. TOP221P Datasheet HTML 15Page - Power Integrations, Inc. TOP221P Datasheet HTML 16Page - Power Integrations, Inc. TOP221P Datasheet HTML 17Page - Power Integrations, Inc. TOP221P Datasheet HTML 18Page - Power Integrations, Inc. TOP221P Datasheet HTML 19Page - Power Integrations, Inc. TOP221P Datasheet HTML 20Page - Power Integrations, Inc.  
Zoom Inzoom in Zoom Outzoom out
 18 / 20 page
background image
TOP221-227
C
12/97
18
Free
TOPSwitch Flyback Transformer Design Spreadsheets
To receive your free copy of the latest version of the spreadsheets on a 3 1/2" IBM compatible floppy (Excel 4.0 format), please visit
our Website at www.powerint.com or fill out this form completely and mail/fax it to us at the address/phone number noted below.
Name:__________________________________________________________________________________________________
Position/Title:____________________________________________________________________________________________
Company:________________________________________________________________________________________________
Address:________________________________________________________________________________________________
City:________________________________________ State: ________________________ Zip/Postal Code:__________________
Country:_________________________________________________________________________________________________
Phone:_______________________________________________ Fax:_______________________________________________
E-mail:__________________________________________________________________________________________________
End Application:____________________________________________________________________________________________
Power Requirement:_________________________________________________________________________________________
Input Voltage:____________________________________________________________________________________________
Estimated Design Completion Date:___________________________________________________________________________
Power supply that I am designing is
t the end product of my company
t is incorporated as part of an end product. If so, please specify the end product_____________________________________
To qualify for this free offer, this form must be filled out completely.
Fax or mail this request to:
Free Flyback Transformer Design Spreadsheet Program Offer
Power Integrations, Inc.
477 N. Mathilda Avenue
Sunnyvale, CA 94086
Attn: Customer Service
Fax: 408-523-9365



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com