Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1443213 Datasheet(PDF) 5 Page - PHOENIX CONTACT

Part # 1443213
Description  Sensor/Actuator cable - SAC-3P-10,0-PUR/BI-1L-V
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1443213 Datasheet(HTML) 5 Page - PHOENIX CONTACT

  1443213 Datasheet HTML 1Page - PHOENIX CONTACT 1443213 Datasheet HTML 2Page - PHOENIX CONTACT 1443213 Datasheet HTML 3Page - PHOENIX CONTACT 1443213 Datasheet HTML 4Page - PHOENIX CONTACT 1443213 Datasheet HTML 5Page - PHOENIX CONTACT 1443213 Datasheet HTML 6Page - PHOENIX CONTACT 1443213 Datasheet HTML 7Page - PHOENIX CONTACT 1443213 Datasheet HTML 8Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
https://www.phoenixcontact.com/us/products/1443213
01.11.2013   Page 5 / 8
Sensor/Actuator cable - SAC-3P-10,0-PUR/BI-1L-V - 1443213
Accessories
Insert label - PABA RD/15 - 1013944
Insert label, Strip, red, Unlabeled, Can be labeled with: Plotter, Mounting type: Thread on, Cable diameter: 0.6-50 mm,
Lettering field: 15 x 4 mm
 
 
Cutting tools
Cable-cutting tool - CUTFOX-S VDE - 1212207
Diagonal cutter for copper and aluminum conductors, VDE-tested
 
 
Marker carrier cable
Conductor marker carrier - PATG 2/15 - 1013038
Conductor marker carrier, transparent, Unlabeled, Mounting type: Slide on, Cable diameter: 2-4 mm, Lettering field: 4 x
15 mm
 
 
Conductor marker carrier - PATG 3/15 - 1013041
Conductor marker carrier, transparent, Unlabeled, Mounting type: Slide on, Cable diameter: 4-7 mm, Lettering field: 4 x
15 mm
 
 
Conductor marker carrier - PATG 4/15 - 1013054
Conductor marker carrier, transparent, Unlabeled, Mounting type: Slide on, Cable diameter: 6-10 mm, Lettering field: 4 x
15 mm
 
 



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com