Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XC161CS-32F Datasheet(PDF) 21 Page - Infineon Technologies AG

Part # XC161CS-32F
Description  16-Bit Single-Chip Microcontroller with C166SV2 Core
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

XC161CS-32F Datasheet(HTML) 21 Page - Infineon Technologies AG

Back Button XC161CS-32F Datasheet HTML 17Page - Infineon Technologies AG XC161CS-32F Datasheet HTML 18Page - Infineon Technologies AG XC161CS-32F Datasheet HTML 19Page - Infineon Technologies AG XC161CS-32F Datasheet HTML 20Page - Infineon Technologies AG XC161CS-32F Datasheet HTML 21Page - Infineon Technologies AG XC161CS-32F Datasheet HTML 22Page - Infineon Technologies AG XC161CS-32F Datasheet HTML 23Page - Infineon Technologies AG XC161CS-32F Datasheet HTML 24Page - Infineon Technologies AG XC161CS-32F Datasheet HTML 25Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 84 page
background image
XC161-32
Derivatives
Functional Description
Data Sheet
19
V1.0, 2004-11
3
Functional Description
The architecture of the XC161 combines advantages of RISC, CISC, and DSP
processors with an advanced peripheral subsystem in a very well-balanced way. In
addition, the on-chip memory blocks allow the design of compact systems-on-silicon with
maximum performance (computing, control, communication).
The on-chip memory blocks (program code-memory and SRAM, dual-port RAM, data
SRAM) and the set of generic peripherals are connected to the CPU via separate buses.
Another bus, the LXBus, connects additional on-chip resources as well as external
resources (see Figure 3).
This bus structure enhances the overall system performance by enabling the concurrent
operation of several subsystems of the XC161.
The following block diagram gives an overview of the different on-chip components and
of the advanced, high bandwidth internal bus structure of the XC161.
Figure 3
Block Diagram
GPT
C166SV2 - Core
DPRAM
CPU
BRGen BRGen BRGen BRGen
ASC0
USART
ASC1
USART
SSC0
SPI
SSC1
SPI
ADC
8-Bit/
10-Bit
12 Ch
CC1
T1
T0
IIC
BRGen
Twin
CAN
A B
RTC
WDT
Interrupt & PEC
EBC
LXBus Control
External Bus
Control
DSRAM
ProgMem
Flash
256 Kbytes
PSRAM
Osc / PLL
Clock Generator
OCDS
Debug Support
Interrupt Bus
CC2
T8
T7
12
P 20 P 9 P 7 Port 6
Port 5
Port 4
Port 3
Port 2
PORT1
PORT0
16
16
15
8
8
8
4
T6
T5
T4
T3
T2
6
6
MCB04323_X132



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com