Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IXFP30N25X3M Datasheet(PDF) 2 Page - IXYS Corporation

Part # IXFP30N25X3M
Description  N-Channel Enhancement Mode
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXFP30N25X3M Datasheet(HTML) 2 Page - IXYS Corporation

  IXFP30N25X3M Datasheet HTML 1Page - IXYS Corporation IXFP30N25X3M Datasheet HTML 2Page - IXYS Corporation IXFP30N25X3M Datasheet HTML 3Page - IXYS Corporation IXFP30N25X3M Datasheet HTML 4Page - IXYS Corporation IXFP30N25X3M Datasheet HTML 5Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
IXYS Reserves the Right to Change Limits, Test Conditions, and Dimensions.
IXFP30N25X3M
IXYS MOSFETs and IGBTs are covered
4,835,592
4,931,844
5,049,961
5,237,481
6,162,665
6,404,065B1
6,683,344
6,727,585
7,005,734B2
7,157,338B2
by one or more of the following U.S. patents: 4,860,072
5,017,508
5,063,307
5,381,025
6,259,123B1
6,534,343
6,710,405B2
6,759,692
7,063,975B2
4,881,106
5,034,796
5,187,117
5,486,715
6,306,728B1
6,583,505
6,710,463
6,771,478B2 7,071,537
Note 1. Pulse test, t
 300s, duty cycle, d 2%.
Source-Drain Diode
Symbol
Test Conditions
Characteristic Values
(T
J = 25C, Unless Otherwise Specified)
Min.
Typ.
Max
I
S
V
GS = 0V
30
A
I
SM
Repetitive, Pulse Width Limited by T
JM
120
A
V
SD
I
F = IS, VGS = 0V, Note 1
1.4
V
t
rr
82
ns
Q
RM
290
nC
I
RM
7
A
I
F = 15A, -di/dt = 100A/μs
V
R = 100V
Symbol
Test Conditions
Characteristic Values
(T
J = 25C, Unless Otherwise Specified)
Min.
Typ.
Max
g
fs
V
DS = 10V, ID = 15A,
Note 1
14
23
S
R
Gi
Gate Input Resistance
1.8
C
iss
1450
pF
C
oss
V
GS = 0V, VDS = 25V, f = 1MHz
266
pF
C
rss
1
pF
C
o(er)
115
pF
C
o(tr)
410
pF
t
d(on)
16
ns
t
r
24
ns
t
d(off)
77
ns
t
f
20
ns
Q
g(on)
21
nC
Q
gs
V
GS = 10V, VDS = 0.5 • VDSS, ID = 15A
6
nC
Q
gd
6
nC
R
thJC
3.5
C/W
R
thCS
0.50
C/W
Resistive Switching Times
V
GS = 10V, VDS = 0.5 • VDSS, ID = 15A
R
G = 30 (External)
Effective Output Capacitance
Energy related
Time related
V
GS = 0V
V
DS = 0.8 • VDSS
PRELIMINARY TECHNICAL INFORMATION
The product presented herein is under development. The Technical Specifications offered are
derived from a subjective evaluation of the design, based upon prior knowledge and experi-
ence, and constitute a "considered reflection" of the anticipated result. IXYS reserves the right
to change limits, test conditions, and dimensions without notice.
Terminals: 1 - Gate
2 - Drain
3 - Source
1 2 3
OVERMOLDED TO-220
(IXFP...M)
oP



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com