Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IXTP110N055T Datasheet(PDF) 1 Page - IXYS Corporation

Part # IXTP110N055T
Description  N-Channel Enhancement Mode Avalanche Rated
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXTP110N055T Datasheet(HTML) 1 Page - IXYS Corporation

  IXTP110N055T Datasheet HTML 1Page - IXYS Corporation IXTP110N055T Datasheet HTML 2Page - IXYS Corporation IXTP110N055T Datasheet HTML 3Page - IXYS Corporation IXTP110N055T Datasheet HTML 4Page - IXYS Corporation IXTP110N055T Datasheet HTML 5Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
© 2006 IXYS CORPORATION All rights reserved
Symbol
Test Conditions
Maximum Ratings
V
DSS
T
J
= 25
° C to 175° C55
V
V
DGR
T
J
= 25
° C to 175° C; R
GS = 1 MΩ
55
V
V
GSM
Transient
± 20
V
I
D25
T
C = 25° C
110
A
I
LRMS
Lead Current Limit, RMS
75
A
I
DM
T
C = 25° C, pulse width limited by TJM
300
A
I
AR
T
C = 25° C25
A
E
AS
T
C = 25° C
750
mJ
dv/dt
I
S
≤I
DM, di/dt ≤100 A/µs, VDD ≤VDSS
3
V/ns
T
J
≤175° C, R
G = 5 Ω
P
D
T
C = 25° C
230
W
T
J
-55 ... +175
°C
T
JM
175
°C
T
stg
-55 ... +175
°C
T
L
1.6 mm (0.062 in.) from case for 10 s
300
°C
T
SOLD
Plastic body for 10 seconds
260
°C
M
d
Mounting torque (TO-220)
1.13 / 10 Nm/lb.in.
Weight
TO-220
3
g
TO-263
2.5
g
Symbol
Test Conditions
Characteristic Values
(T
J = 25° C unless otherwise specified)
Min.
Typ.
Max.
BV
DSS
V
GS = 0 V, ID = 250 µA55
V
V
GS(th)
V
DS = VGS, ID = 100 µA
2.0
4.0
V
I
GSS
V
GS = ± 20 V, VDS = 0 V
± 200
nA
I
DSS
V
DS = VDSS
2
µA
V
GS = 0 V
T
J = 150° C
250
µA
R
DS(on)
V
GS = 10 V, ID = 25 A, Notes 1, 2
5.8
7.0
m
Ω
TrenchMVTM
Power MOSFET
Preliminary Technical Information
N-Channel Enhancement Mode
Avalanche Rated
IXTA110N055T
IXTP110N055T
V
DSS
=55
V
I
D25
=110
A
R
DS(on) ≤
≤≤≤≤ 7.0 m
Ω
Ω
Ω
Ω
Ω
DS99625 (11/06)
TO-263 (IXTA)
TO-220 (IXTP)
G
S
G
D
S
G = Gate
D = Drain
S = Source
TAB = Drain
(TAB)
(TAB)
Features
Ultra-low On Resistance
Unclamped Inductive Switching (UIS)
rated
Low package inductance
- easy to drive and to protect
175
° C Operating Temperature
Advantages
Easy to mount
Space savings
High power density
Applications
Automotive
- Motor Drives
- High Side Switch
- 12V Battery
- ABS Systems
DC/DC Converters and Off-line UPS
Primary- Side Switch
High Current Switching
Applications


Similar Part No. - IXTP110N055T

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
IXTP110N055T ISC-IXTP110N055T Datasheet
294Kb / 2P
isc N-Channel MOSFET Transistor
logo
IXYS Corporation
IXTP110N055T2 IXYS-IXTP110N055T2 Datasheet
200Kb / 11P
DC to DC Synchronous Converter Design
logo
Inchange Semiconductor ...
IXTP110N055T2 ISC-IXTP110N055T2 Datasheet
295Kb / 2P
isc N-Channel MOSFET Transistor
More results

Similar Description - IXTP110N055T

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IXTA180N10T IXYS-IXTA180N10T Datasheet
160Kb / 2P
N-Channel Enhancement Mode Avalanche Rated
IXTP08N100P IXYS-IXTP08N100P Datasheet
158Kb / 4P
N-Channel Enhancement Mode Avalanche Rated
IXTH30N50P IXYS-IXTH30N50P Datasheet
352Kb / 5P
N-Channel Enhancement Mode Avalanche Rated
IXTP2N100P IXYS-IXTP2N100P Datasheet
153Kb / 4P
N-Channel Enhancement Mode Avalanche Rated
IXTU1R4N60P IXYS-IXTU1R4N60P Datasheet
157Kb / 4P
N-Channel Enhancement Mode Avalanche Rated
IXFA90N20X3 IXYS-IXFA90N20X3 Datasheet
242Kb / 6P
N-Channel Enhancement Mode Avalanche Rated
IXFN220N20X3 IXYS-IXFN220N20X3 Datasheet
153Kb / 5P
N-Channel Enhancement Mode Avalanche Rated
IXFT120N30X3HV IXYS-IXFT120N30X3HV Datasheet
257Kb / 6P
N-Channel Enhancement Mode Avalanche Rated
MMIX1T132N50P3 IXYS-MMIX1T132N50P3 Datasheet
273Kb / 7P
N-Channel Enhancement Mode Avalanche Rated
IXFA60N25X3 IXYS-IXFA60N25X3 Datasheet
272Kb / 6P
N-Channel Enhancement Mode Avalanche Rated Avalanche Rated
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com