Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OVFSB7C8 Datasheet(PDF) 5 Page - TT Electronics.

Part # OVFSB7C8
Description  4-Pin LED Lamp (7.6 mm)
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.

OVFSB7C8 Datasheet(HTML) 5 Page - TT Electronics.

  OVFSB7C8 Datasheet HTML 1Page - TT Electronics. OVFSB7C8 Datasheet HTML 2Page - TT Electronics. OVFSB7C8 Datasheet HTML 3Page - TT Electronics. OVFSB7C8 Datasheet HTML 4Page - TT Electronics. OVFSB7C8 Datasheet HTML 5Page - TT Electronics. OVFSB7C8 Datasheet HTML 6Page - TT Electronics.  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
4-Pin LED Lamp (7.6 mm)
OVFSxxC8
© TT electronics plc
Issue D
8/2017
Page 5
TT Electronics | Optek Technology, Inc.
1645 Wallace Drive, Ste. 130, Carrollton, TX USA 75006 |Ph: +1 972 323 2200
www.ttelectronics.com | sensors@ttelectronics.com
General Note
TT Electronics reserves the right to make changes in product specification without
notice or liability. All information is subject to TT Electronics’ own data and is
considered accurate at time of going to print.
Typical Electro-Optical Characteristics Curves — OVFSW6C8 (White)
Forward Current vs Forward Voltage
Relative Luminous Flux vs Forward Current
Relative Luminous Flux vs Wavelength
Maximum Forward DC Current vs Ambient
Reverse Current vs Reverse Voltage
Angular Distribution
50% Power Angle: 60°



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com