Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OVLAB6CB8 Datasheet(PDF) 2 Page - TT Electronics.

Part # OVLAB6CB8
Description  Round Blue LED Lamp (3mm)
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.

OVLAB6CB8 Datasheet(HTML) 2 Page - TT Electronics.

  OVLAB6CB8 Datasheet HTML 1Page - TT Electronics. OVLAB6CB8 Datasheet HTML 2Page - TT Electronics. OVLAB6CB8 Datasheet HTML 3Page - TT Electronics. OVLAB6CB8 Datasheet HTML 4Page - TT Electronics.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Issue 1.0
0605
Page 2
OPTEK Technology Inc. — 1645 Wallace Drive, Carrollton, Texas 75006
Phone: (972) 323-2200 or (800) 341-4747 FAX: (972) 323-2396 visibleLED@optekinc.com www.optekinc.com
Round Blue LED Lamp (3mm)
OVLAB6CB8
Absolute Maximum Ratings
TA = 25oC unless otherwise noted
Storage Temperature Range
-40 ~ +100 °C
Operating Temperature Range
-40 ~ +95 °C
Reverse Voltage
5 V
Continuous Forward Current
25 mA
Peak Forward Current (10% Duty Cycle, 1KHz)
100 mA
Power Dissipation
105 mW
260°C
Lead Soldering Temperature (3mm from the base of the epoxy bulb)1
Note:
1.
Solder time less than 3 seconds at temperature extreme.
Electrical Characteristics
TA = 25oC unless otherwise noted
SYMBOL
PARAMETER
MIN
TYP
MAX
UNITS
CONDITIONS
Iv
Luminous Intensity
390
600
----
mcd
IF = 20mA
VF
Forward Voltage
----
3.6
4.2
V
IF = 20mA
VF
Forward Voltage
1.7
----
2.5
V
IF = 1.0µA
IR
Reverse Current
----
----
100
µA
VR = 5V
D
Dominant Wavelength
465
470
475
nm
IF = 20mA
2 ½H-H
50% Power Angle
----
65
----
deg
IF = 20mA
Standard Bins (IF = 20mA)
Lamps are sorted to luminous intensity (IV) and dominant wavelength ( D) bins shown.
Orders for OVLAB6CB8 may be filled with any or all bins contained as below.
Important Notes:
1. All ranks will be included per delivery, rank ratio will be based on the chip distribution.
2. To designate luminous intensity ranks, please contact OPTEK.
3. Pb content <1000PPM.
1100
770
S
550
R
390
Q Luminous intensity is
at Q bin or above.
465
470
475
Dominant Wavelength (nm)
X4
X5
Rank
V8
V9
V10
V11
V12
V13
Voltage (V)
3.0–3.2
3.2–3.4
3.4–3.6
3.6–3.8
3.8–4.0
4.0–4.2
Forward Voltage (VF)



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com