Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OVLEW1CB9 Datasheet(PDF) 1 Page - TT Electronics.

Part # OVLEW1CB9
Description  White High-Intensity LED Lamp
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.

OVLEW1CB9 Datasheet(HTML) 1 Page - TT Electronics.

  OVLEW1CB9 Datasheet HTML 1Page - TT Electronics. OVLEW1CB9 Datasheet HTML 2Page - TT Electronics. OVLEW1CB9 Datasheet HTML 3Page - TT Electronics. OVLEW1CB9 Datasheet HTML 4Page - TT Electronics.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
(5 mm, 15º Viewing Angle)
OVLEW1CB9
© TT electronics plc
Issue G
08/2017
Page 1
OPTEK Technology, Inc.
1645 Wallace Drive, Carrollton, TX 75006|Ph: +1 972 323 2200
www.ttelectronics.com/optek-technology
General Note
TT Electronics reserves the right to make changes in product specification without
notice or liability. All information is subject to TT Electronics’ own data and is
considered accurate at time of going to print.
Description:
The round OVLEW1CB9 is designed for applications that require a focused high luminous output, such as indoor and
outdoor displays, marker lights and optical indicators. The phosphor used in the reflector converts the blue emission of the
InGaN chip to the ideal white light.
Applications:
Indoor/outdoor displays and applications
Message boards
Store front signage
Indicators
Features:
Narrow beam angle
High luminous intensity
Water clear plastic package
InGaN White
Pb-free
Part Number
Material
Emitted Color
Intensity Typ. mcd
Lens Color
OVLEW1CB9
InGaN
White
35,000
Clear
DO NOT LOOK DIRECTLY
AT LED WITH UNSHIELDED
EYES OR DAMAGE TO
RETINA MAY OCCUR.
RoHS


Similar Part No. - OVLEW1CB9

ManufacturerPart #DatasheetDescription
logo
OPTEK Technologies
OVLEW1CB9 OPTEK-OVLEW1CB9 Datasheet
898Kb / 5P
White High-Intensity LED Lamp White High-Intensity LED Lamp
More results

Similar Description - OVLEW1CB9

ManufacturerPart #DatasheetDescription
logo
OPTEK Technologies
OVLAW4CB6 OPTEK-OVLAW4CB6 Datasheet
1Mb / 5P
White High-Intensity LED Lamp (3 mm, 45째 Viewing Angle)
OVLEW1CB9 OPTEK-OVLEW1CB9 Datasheet
898Kb / 5P
White High-Intensity LED Lamp White High-Intensity LED Lamp
OVLEW3CB6 OPTEK-OVLEW3CB6 Datasheet
1Mb / 5P
White High-Intensity LED Lamp (5 mm, 30째 Viewing Angle)
OVLEW5CB6 OPTEK-OVLEW5CB6 Datasheet
1Mb / 5P
White High-Intensity LED Lamp (5 mm, 50째 Viewing Angle)
logo
AUK corp
SW3318E-G AUK-SW3318E-G Datasheet
281Kb / 6P
High Brightness White LED Lamp
SW5315E-G AUK-SW5315E-G Datasheet
170Kb / 5P
High Brightness White LED Lamp
logo
TT Electronics.
OVLAW4CB6 TTELEC-OVLAW4CB6 Datasheet
1Mb / 5P
White High-Intensity LED Lamp (3 mm, 45째 Viewing Angle)
OVLAW4CB7 TTELEC-OVLAW4CB7 Datasheet
353Kb / 6P
White High-Intensity LED Lamp (3 mm, 40째 Viewing Angle)
OVLEW3CB6 TTELEC-OVLEW3CB6 Datasheet
1Mb / 5P
White High-Intensity LED Lamp (5 mm, 30째 Viewing Angle)
OVLEW5CB6 TTELEC-OVLEW5CB6 Datasheet
1Mb / 5P
White High-Intensity LED Lamp (5 mm, 50째 Viewing Angle)
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com