Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OVLHBKD8 Datasheet(PDF) 2 Page - TT Electronics.

Part # OVLHBKD8
Description  Oval Blue LED Lamp (5mm)
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.

OVLHBKD8 Datasheet(HTML) 2 Page - TT Electronics.

  OVLHBKD8 Datasheet HTML 1Page - TT Electronics. OVLHBKD8 Datasheet HTML 2Page - TT Electronics. OVLHBKD8 Datasheet HTML 3Page - TT Electronics. OVLHBKD8 Datasheet HTML 4Page - TT Electronics.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Issue 1.0
0505
Page 2
OPTEK Technology Inc. — 1645 Wallace Drive, Carrollton, Texas 75006
Phone: (972) 323-2200 or (800) 341-4747 FAX: (972) 323-2396 visibleLED@optekinc.com www.optekinc.com
Oval Blue LED Lamp (5mm)
OVLHBKD8
Absolute Maximum Ratings
TA = 25o C unless otherwise noted
Storage Temperature Range
-40 ~ +100 °C
Operating Temperature Range
-40 ~ +95 °C
Reverse Voltage
5 V
Continuous Forward Current
25 mA
Peak Forward Current (10% Duty Cycle, 1KHz)
100 mA
Power Dissipation
100 mW
260°C
Lead Soldering Temperature (3mm from the base of the epoxy bulb)1
Note:
1.
Solder time less than 3 seconds at temperature extreme.
Electrical Characteristics
TA = 25o C unless otherwise noted
SYMBOL
PARAMETER
MIN
TYP
MAX
UNITS
CONDITIONS
Iv
Luminous Intensity
280
500
----
mcd
IF = 20mA
VF
Forward Voltage
----
3.4
4.0
V
IF = 20mA
IR
Reverse Current
----
----
100
µA
VR = 5V
D
Dominant Wavelength
465
470
475
nm
IF = 20mA
2 ½H-H
50% Power Angle
----
110
----
deg
IF = 20mA
2 ½V-V
----
50
----
deg
IF = 20mA
VF
Forward Voltage
1.7
----
2.5
V
IF = 1.0µA
Standard Bins (IF = 20mA)
Lamps are sorted to luminous intensity (IV) and dominant wavelength ( D) bins shown.
Orders for OVLHBKD8 may be filled with any or all bins contained as below.
Important Notes:
1. All ranks will be included per delivery, rank ratio will be based on the chip distribution.
2. To designate luminous intensity ranks, please contact OPTEK.
3. Pb content <1000PPM.
770
550
R
390
Q
280
P
Luminous intensity is
at P bin or above.
465
470
475
Dominant Wavelength (nm)
X4
X5



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com