Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VSC7938 Datasheet(PDF) 3 Page - Vitesse Semiconductor Corporation

Part # VSC7938
Description  Laser Diode Driver with Automatic Power Control
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VITESSE [Vitesse Semiconductor Corporation]
Direct Link  http://www.vitesse.com
Logo VITESSE - Vitesse Semiconductor Corporation

VSC7938 Datasheet(HTML) 3 Page - Vitesse Semiconductor Corporation

  VSC7938 Datasheet HTML 1Page - Vitesse Semiconductor Corporation VSC7938 Datasheet HTML 2Page - Vitesse Semiconductor Corporation VSC7938 Datasheet HTML 3Page - Vitesse Semiconductor Corporation VSC7938 Datasheet HTML 4Page - Vitesse Semiconductor Corporation VSC7938 Datasheet HTML 5Page - Vitesse Semiconductor Corporation VSC7938 Datasheet HTML 6Page - Vitesse Semiconductor Corporation VSC7938 Datasheet HTML 7Page - Vitesse Semiconductor Corporation VSC7938 Datasheet HTML 8Page - Vitesse Semiconductor Corporation VSC7938 Datasheet HTML 9Page - Vitesse Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
VITESSE
SEMICONDUCTOR CORPORATION
Preliminary Data Sheet
VSC7938
SONET/SDH 3.125Gb/s
Laser Diode Driver with Automatic Power Control
G52349-0, Rev 3.0
Page 3
01/20/01
© VITESSE SEMICONDUCTOR CORPORATION • 741 Calle Plano • Camarillo, CA 93012
Tel: (800) VITESSE • FAX: (805) 987-5896 • Email: prodinfo@vitesse.com
Internet: www.vitesse.com
Table 3: PECL and TTL/CMOS Inputs and Outputs Specifications
Absolute Maximum Ratings(1)
Power Supply Voltage (VCC)............................................................................................................... -0.5V to 6V
Current into BIAS.....................................................................................................................-20mA to +150mA
Current into OUT+, OUT- ...............................................................................................................................TBD
Current into MD ............................................................................................................................. -5mA to +5mA
Current into FAIL ......................................................................................................................... -10mA to 30mA
Voltage at DATA+, DATA-, CLK+, CLK-, ENABLE, LATCH......................................... -0.5V to (VCC + 0.5V)
Voltage at APCFILT, MODSET, BIASMAX, APCSET, MD, FAIL, SLWSTRT.......................... -0.5V to +3.0V
Voltage at OUT+, OUT- ..................................................................................................... -0.5V to (VCC + 1.5V)
Voltage at BIAS .................................................................................................................. -0.5V to (VCC + 0.5V)
Continouous Power Dissipation (TA = +85°C, TQFP derate 20.8mW/°C above +85°C) .......................1350mW
Operating Junction Temperature Range ...................................................................................... -55°C to +150°C
Storage Temperature Range ........................................................................................................ -65°C to +165°C
NOTE: (1) CAUTION: Stresses listed under “Absolute Maximum Ratings” may be applied to devices one at a time without caus-
ing permanent damage. Functionality at or above the values listed is not implied. Exposure to these values for extended
periods may affect device reliability.
Recommended Operating Conditions
Positive Voltage Rail (VCC)..................................................................................................... +3.135V to +5.25V
Negative Voltage Rail (GND) ............................................................................................................................0V
Modulation Current (IMOD)
(1) .......................................................................................................................30mA
Ambient Temperature Range (TA)................................................................................................. -40°C to +85°C
NOTE:
(1) VCC = 3.3V, IBIAS = 60mA.
Symbol
Parameter
Min
Typ
Max
Units
Conditions
VID
Differential Input Voltage
100
1600
mVp-p
(DATA+)-(DATA-)
VICM
Common-Mode Input Voltage
VCC -
1.49
VCC -
1.32
VCC -
VID/4
V
PECL Compatible
IIN
Clock and Data Input Current
-1
10
µA
VIH
TTL Input High Voltage
(ENABLE, LATCH)
2.0
V
VIL
TTL Input Low Voltage
(ENABLE, LATCH)
0.8
V
TTL Output High Voltage (FAIL)2.4
VCC -
0.3
VCC
V
Sourcing 50µA
TTL Output Low Voltage (FAIL)
0.1
0.44
V
Sinking 100µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com