Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ULD5132G-SH2-R Datasheet(PDF) 3 Page - Unisonic Technologies

Part # ULD5132G-SH2-R
Description  ADAPTIVE CURRENT RIPPLE REMOVING CIRCUIT CONTROLLER
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

ULD5132G-SH2-R Datasheet(HTML) 3 Page - Unisonic Technologies

  ULD5132G-SH2-R Datasheet HTML 1Page - Unisonic Technologies ULD5132G-SH2-R Datasheet HTML 2Page - Unisonic Technologies ULD5132G-SH2-R Datasheet HTML 3Page - Unisonic Technologies ULD5132G-SH2-R Datasheet HTML 4Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
ULD5132
Preliminary
CMOS IC
UNISONIC TECHNOLOGIES CO., LTD
3 of 4
www.unisonic.com.tw
QW-R125-074.c
ABSOLU T E M AX I M U M RAT I N G
PARAMETER
SYMBOL
RATINGS
UNIT
Junction Temperature
TJ
150
°C
Lead Temperature
TL
260
°C
Storage Temperature
TSTG
-65 ~ +150
°C
Note: Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
RECOM M EN DED OPERAT I N G CON DI T I ON S
PARAMETER
SYMBOL
RATINGS
UNIT
Maximum Junction Temperature
TJ
+150
°C
T H ERM AL RESI ST AN CE
PARAMETER
SYMBOL
RATINGS
UNIT
Junction to Ambient
θJA
125
°C/W
Junction to Case
θJC
29
°C/W
ELECT RI CAL CH ARACT ERI ST I CS TA=25ºC, unless otherwise stated.
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Resistance Between D Pin and VC Pin
RD_VC
40
47
52
K
Ω
Resistance Between G Pin and VC Pin
RG_VC
4.6
5.1
5.6
K
Ω
Voltage (D Pin to VT Pin)
VD_VT
0.5
0.7
0.9
V
Voltage (VT Pin to VC Pin)
VVT_VC
5
6.5
8
V
Voltage (D Pin to S Pin)
VD-S
30
V
Voltage (VC Pin to S Pin)
VVC-S
8
V



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com