Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD9119BBCZ Datasheet(PDF) 54 Page - Analog Devices

Part # AD9119BBCZ
Description  RF Digital-to-Analog Converter
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9119BBCZ Datasheet(HTML) 54 Page - Analog Devices

Back Button AD9119BBCZ Datasheet HTML 50Page - Analog Devices AD9119BBCZ Datasheet HTML 51Page - Analog Devices AD9119BBCZ Datasheet HTML 52Page - Analog Devices AD9119BBCZ Datasheet HTML 53Page - Analog Devices AD9119BBCZ Datasheet HTML 54Page - Analog Devices AD9119BBCZ Datasheet HTML 55Page - Analog Devices AD9119BBCZ Datasheet HTML 56Page - Analog Devices AD9119BBCZ Datasheet HTML 57Page - Analog Devices AD9119BBCZ Datasheet HTML 58Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 66 page
background image
AD9119/AD9129
Data Sheet
Rev. B | Page 54 of 66
START-UP SEQUENCE
A small number of steps is required to program the AD9119/AD9129 to the proper operating state after the device is powered up. This
sequence is listed in Table 16, along with an explanation of the purpose of each step.
Table 16. Start-Up Sequence After Power-Up
Register
Value
Description
0x00
0x00
4-wire SPI, MSB-first packing, short addressing mode
0x30
0x5C
Enable cross control, cross location = 7 dec, duty cycle correction off
0x0C
0x64
Set DLL minimum delay = 4 dec, enable DCO
0x0B
0x39
Set clock divider to DCI/512
0x01
0x68
Set bias power-down
0x34
0x6D or 0x5D
Set PLL mode for normal or 2× mode; normal mode or FIR25 on = 0x6D, FIR40 on = 0x5D
0x01
0x48
Enable bias
0x33
0x13
Initialize PLL to phase step = 1 dec
0x33
0xF8 or 0xD8
Select PFD, set PLL phase step, keep PLL lost bit cleared; phase step is as follows: normal mode or
FIR25 on = 0xF8, FIR40 on = 0xD8
0x33
0xF0 or 0xD0
Deassert the PLL lost bit, keeping the phase step; normal mode or FIR25 on = 0xF0, FIR40 on = 0xD0
0x0D
0x06
Set duty correction bandwidth to lowest
0x0A
0xC0
Enable DLL
0x18
0xm0
Select data mode, filter mode to set value of m; for example: 0x40, unsigned data, interpolator off
0x20
0xC6
Set full-scale current (FSC) to 33 mA
0x21
0x03
Complete the setting of FSC
0x30
0x46
Enable cross control, cross location = 1 dec, enable duty cycle correction
0x12
0x20
Set the FIFO pointers
0x11
0x81
Assert FIFO reset
0x11
0x01
Deassert FIFO reset
0x01
0x08
Enable IREF (DAC output)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com