Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD9129BBCZ Datasheet(PDF) 51 Page - Analog Devices

Part # AD9129BBCZ
Description  RF Digital-to-Analog Converter
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9129BBCZ Datasheet(HTML) 51 Page - Analog Devices

Back Button AD9129BBCZ Datasheet HTML 47Page - Analog Devices AD9129BBCZ Datasheet HTML 48Page - Analog Devices AD9129BBCZ Datasheet HTML 49Page - Analog Devices AD9129BBCZ Datasheet HTML 50Page - Analog Devices AD9129BBCZ Datasheet HTML 51Page - Analog Devices AD9129BBCZ Datasheet HTML 52Page - Analog Devices AD9129BBCZ Datasheet HTML 53Page - Analog Devices AD9129BBCZ Datasheet HTML 54Page - Analog Devices AD9129BBCZ Datasheet HTML 55Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 66 page
background image
Data Sheet
AD9119/AD9129
Rev. B | Page 51 of 66
VOLTAGE REFERENCE
The AD9119/AD9129 output current is set by a combination of
digital control bits and the I250U reference current, as shown in
Figure 149.
CURRENT
SCALING
FSC[9:0]
AD9129
DAC
IFULLSCALE
4k
Ω
1nF
VREF
I250
–1.5V
I250U
VBG
1.0V
+
–
Figure 149. Voltage Reference Circuit
The reference current is obtained by forcing the band gap
voltage across an external 4.0 kΩ resistor from I250U (Pin A1)
to VSSA. The 1.0 V nominal band gap voltage (VREF) generates a
250 µA reference current in the 4.0 kΩ resistor. Note the
following constraints when configuring the voltage reference
circuit:
•
Both the 4.0 kΩ resistor and 1 nF bypass capacitor are
required for proper operation.
•
Adjusting the DAC output full-scale current, IOUTFS, from
its default setting of 20 mA should be performed digitally.
•
The AD9119/AD9129 are not multiplying DACs. Modula-
tion of the reference current, I250U, with an ac signal is not
supported.
•
The band gap voltage appearing at the VREF pin must be
buffered for use with an external circuitry because its output
impedance is approximately 7.5 kΩ.
•
An external reference can be used to overdrive the internal
reference by connecting it to the VREF pin.
As mentioned, the IOUTFS can be adjusted digitally over a 9.4 mA
to 34.2 mA range by the FSC_x[9:0] bits (Register 0x20, Bits[7:0]
and Register 0x21, Bits[1:0]). The following equation relates
IOUTFS to the FSC_x[9:0] bits, which can be set from 0 to 1023.
IOUTFS = 24.21875 mA × FSC_x[9:0]/1000 + 9.4 mA
(1)
Note that the default value of 0x200 generates 21.937 mA full scale,
but most of the characterization presented in this datasheet uses
33 mA, unless noted otherwise.
ANALOG OUTPUTS
Equivalent DAC Output and Transfer Function
The AD9119/AD9129 provide complementary current outputs,
IOUTP and IOUTN, that sink current from an external load
that is referenced to the 1.8 V VDDA supply. Figure 150 shows
an equivalent output circuit for the DAC. Compared to most
current output DACs of this type, the outputs of the AD9119/
AD9129 exhibit a slight offset current (that is, IOUTFS/17), and the
peak differential ac current is slightly below IOUTFS/2 (that is,
8/17 × IOUTFS).
(9/17) × IOUTFS
IPEAK =
(8/17) × IOUTFS
IOUTFS = 9.5mA – 34mA
(9/17) × IOUTFS
AC
Figure 150. Equivalent DAC Output Circuit
The example shown in Figure 150 can be modeled as a pair of
dc current sources that source a current of 9/17 × IOUTFS to each
output. A differential ac current source, IPEAK, is used to model
the signal (that is, a digital code) dependent nature of the DAC
output. The polarity and signal dependency of this ac current
source is related to the digital code (F) by the following equation:
F (code) = (DACCODE − 8192)/8192
(2)
−1 < F (code) < +1
(3)
where DACCODE = 0 to 16,383 (decimal).
Because IPEAK can swing ±(8/17) × IOUTFS, the output currents
that are measured at IOUTP and IOUTN can span from
IOUTFS/17 to IOUTFS. However, because the ac signal-dependent
current component is complementary, the sum of the two
outputs is always constant (that is, IOUTP + IOUTN =
(18/17) × IOUTFS).
The code-dependent current that is measured at the IOUTP
(and IOUTN) output is as follows:
IOUTP = (9/17) × IOUTFS
(mA) + (8/17) × IOUTFS (mA)
× F (code)
(4)
IOUTN = (9/17) × IOUTFS
(mA) − (8/17) × IOUTFS (mA)
× F (code)
Figure 151 shows the IOUTP vs. DACCODE transfer function
when IOUTFS is set to 19.65 mA.
20
18
10
12
14
16
8
6
4
2
0
0
4096
8192
12,288
DAC CODE
16,384
Figure 151. Gain Curve for FSC_x[9:0] = 512, DAC Offset = 1.228 mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com