Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD9152-EBZ Datasheet(PDF) 96 Page - Analog Devices

Part # AD9152-EBZ
Description  TxDAC Digital-to-Analog Converter
PDF  103 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9152-EBZ Datasheet(HTML) 96 Page - Analog Devices

Back Button AD9152-EBZ Datasheet HTML 92Page - Analog Devices AD9152-EBZ Datasheet HTML 93Page - Analog Devices AD9152-EBZ Datasheet HTML 94Page - Analog Devices AD9152-EBZ Datasheet HTML 95Page - Analog Devices AD9152-EBZ Datasheet HTML 96Page - Analog Devices AD9152-EBZ Datasheet HTML 97Page - Analog Devices AD9152-EBZ Datasheet HTML 98Page - Analog Devices AD9152-EBZ Datasheet HTML 99Page - Analog Devices AD9152-EBZ Datasheet HTML 100Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 96 / 103 page
background image
AD9152
Data Sheet
Rev. B | Page 96 of 103
Addr.
Name
Bits
Bit Name
Settings
Description
Reset
Access
ERRCNT_LOBITS
count from the selected lane.
0x31B
PHY_PRBS_TEST_
ERRCNT_MIDBITS
[7:0]
PHY_PRBS_ERR_
CNT[15:8]
Bits[15:8] of the 24-bit reported PHY BERT error
count from the selected lane.
0x0
R
0x31C
PHY_PRBS_TEST_
ERRCNT_HIBITS
[7:0]
PHY_PRBS_ERR_
CNT[23:16]
Bits[23:16] of the 24-bit reported PHY BERT error
count from the selected lane.
0x0
R
0x31
D
PHY_PRBS_TEST_
STATUS
[7:4]
RESERVED
Reserved.
0x0
R
[3:0]
PHY_PRBS_PASS
PHY PRBS test pass/fail.
0xF
R
Bit x corresponds to PHY PRBS pass/fail for
Physical Lane x. The bit is set to 1 while the error
count for Physical Lane x is less than
PHY_PRBS_THRESHOLD.
0x32C
SHORT_TPL_TEST_0
[7:6]
RESERVED
Reserved.
0x0
R/W
[5:4]
SHORT_TPL_SP_SEL
Short transport layer sample select. Selects which
sample to check from the DAC selected via
Bits[3:2].
0x0
R/W
x Sample x.
[3:2]
SHORT_TPL_DAC_SEL
Short transport layer test DAC select. Selects
which DAC to sample.
0x0
R/W
x Sample from DAC x.
1
SHORT_TPL_TEST_RESET
Short transport layer test reset. Resets the result
of short transport layer test.
0x0
R/W
0 Not reset.
1 Reset.
0
SHORT_TPL_TEST_EN
Short transport layer test enable. See the Subclass 0
section for details on how to perform this test.
0x0
R/W
0 Disable.
1 Enable.
0x32
D
SHORT_TPL_TEST_1
[7:0]
SHORT_TPL_REF_SP_LSB
Short transport layer test reference, sample LSB.
This is the lower eight bits of the expected DAC
sample. It is used to compare with the received
DAC sample at the output of the JESD204B
receiver.
0x0
R/W
0x32E
SHORT_TPL_TEST_2
[7:0]
SHORT_TPL_REF_SP_MSB
Short transport layer test reference, sample MSB.
This is the upper eight bits of the expected DAC
sample. It is used to compare with the received
DAC sample at the output of the JESD204B
receiver.
0x0
R/W
0x32F
SHORT_TPL_TEST_3
[7:1]
RESERVED
Reserved.
0x0
R
0
SHORT_TPL_FAIL
Short transport layer test fail. This bit shows
whether the selected DAC sample matches the
reference sample. If they match, it is a test pass,
otherwise it is a test fail.
0x0
R
0 Test pass.
1 Test fail.
0x334
JESD_BIT_INVERSE_CTRL
[7:4]
RESERVED
Reserved.
0x0
R/W
[3:0]
JESD_BIT_INVERSE
Logical lane invert. Set Bit x high to invert the
JESD204B deserialized data on Logical Lane x.
0x0
R/W
0x400
DID_REG
[7:0]
DID_RD
Device identification number. Link information
received on Lane 0 as specified in Section 8.3 of
JESD204B.
0x0
R
0x401
BID_REG
[7:4]
ADJCNT_RD
Adjustment resolution to DAC LMFC. Link
information received on Lane 0 as specified in
Section 8.3 of JESD204B.
0x0
R
[3:0]
BID_RD
Bank identification: extension to DID. Link
information received on Lane 0 as specified in
Section 8.3 of JESD204B.
0x0
R
0x402
LID0_REG
7
RESERVED
Reserved.
0x0
R
6
ADJDIR_RD
Direction to adjust DAC LMFC. Link information
received on Lane 0 as specified in Section 8.3 of
JESD204B. Must be 0.
0x0
R
5
PHADJ_RD
Phase adjustment request to DAC. Link information
received on Lane 0 as specified in Section 8.3 of
JESD204B. Must be 0.
0x0
R



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com