Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD9705 Datasheet(PDF) 16 Page - Analog Devices

Part # AD9705
Description  Digital-to-Analog Converters
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9705 Datasheet(HTML) 16 Page - Analog Devices

Back Button AD9705 Datasheet HTML 12Page - Analog Devices AD9705 Datasheet HTML 13Page - Analog Devices AD9705 Datasheet HTML 14Page - Analog Devices AD9705 Datasheet HTML 15Page - Analog Devices AD9705 Datasheet HTML 16Page - Analog Devices AD9705 Datasheet HTML 17Page - Analog Devices AD9705 Datasheet HTML 18Page - Analog Devices AD9705 Datasheet HTML 19Page - Analog Devices AD9705 Datasheet HTML 20Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 42 page
background image
AD9704/AD9705/AD9706/AD9707
Data Sheet
Rev. D | Page 16 of 42
TYPICAL PERFORMANCE CHARACTERISTICS
AD9707
VDD = 3.3 V, IOUTFS = 2 mA, unless otherwise noted.
1
10
100
fOUT (MHz)
45
50
55
60
65
70
75
80
85
90
95
fCLOCK = 125MSPS
fCLOCK = 65MSPS
fCLOCK = 175MSPS
fCLOCK = 10MSPS
Figure 7. SFDR vs. fOUT
0
1
2
3
4
5
fOUT (MHz)
45
50
55
60
65
70
75
80
85
90
95
Figure 8. SFDR vs. fOUT @ 10 MSPS
0
5
10
15
20
35
25
30
fOUT (MHz)
45
50
55
60
65
70
75
80
85
90
95
Figure 9. SFDR vs. fOUT @ 65 MSPS
0
10
20
30
40
65
50
60
5
15
25
35
45
55
fOUT (MHz)
45
50
55
60
65
70
75
80
85
90
95
Figure 10. SFDR vs. fOUT @ 125 MSPS
fOUT (MHz)
45
0
10
20
30
40
50
60
70
80
50
55
60
65
70
75
80
85
90
95
Figure 11. SFDR vs. fOUT @ 175 MSPS
fOUT (MHz)
45
0
10
20
30
40
50
60
70
80
50
55
60
65
70
75
80
85
90
95
IOUTFS = 5mA
IOUTFS = 1mA
IOUTFS = 2mA
Figure 12. SFDR vs. fOUT and IOUTFS @ 175 MSPS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com