Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD9739BBCRL Datasheet(PDF) 9 Page - Analog Devices

Part # AD9739BBCRL
Description  14-Bit, 2.5 GSPS, RF Digital-to-Analog Converter
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9739BBCRL Datasheet(HTML) 9 Page - Analog Devices

Back Button AD9739BBCRL Datasheet HTML 5Page - Analog Devices AD9739BBCRL Datasheet HTML 6Page - Analog Devices AD9739BBCRL Datasheet HTML 7Page - Analog Devices AD9739BBCRL Datasheet HTML 8Page - Analog Devices AD9739BBCRL Datasheet HTML 9Page - Analog Devices AD9739BBCRL Datasheet HTML 10Page - Analog Devices AD9739BBCRL Datasheet HTML 11Page - Analog Devices AD9739BBCRL Datasheet HTML 12Page - Analog Devices AD9739BBCRL Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 50 page
background image
Data Sheet
AD9739
Rev. E | Page 9 of 50
ABSOLUTE MAXIMUM RATINGS
Table 5.
Parameter
With
Respect To
Rating
VDDA
VSSA
−0.3 V to +3.6 V
VDD33
VSS
−0.3 V to +3.6 V
VDD
VSS
−0.3 V to +1.98 V
VDDC
VSSC
−0.3 V to +1.98 V
VSSA
VSS
−0.3 V to +0.3 V
VSSA
VSSC
−0.3 V to +0.3 V
VSS
VSSC
−0.3 V to +0.3 V
DACCLK_P, DACCLK_N
VSSC
−0.3 V to VDDC + 0.18 V
DCI, DCO, SYNC_IN,
SYNC_OUT
VSS
−0.3 V to VDD33 + 0.3 V
LVDS Data Inputs
VSS
−0.3 V to VDD33 + 0.3 V
IOUTP, IOUTN
VSSA
−1.0 V to VDDA + 0.3 V
I120, VREF
VSSA
−0.3 V to VDDA + 0.3 V
IRQ, CS, SCLK, SDO,
SDIO, RESET
VSS
−0.3 V to VDD33 + 0.3 V
Junction Temperature
150°C
Storage Temperature
−65°C to +150°C
Stresses at or above those listed under Absolute Maximum
Ratings may cause permanent damage to the product. This is a
stress rating only; functional operation of the product at these
or any other conditions above those indicated in the operational
section of this specification is not implied. Operation beyond
the maximum operating conditions for extended periods may
affect product reliability.
THERMAL RESISTANCE
θ
JA is specified for the worst-case conditions, that is, a device
soldered in a circuit board for surface-mount packages.
Table 6. Thermal Resistance
Package Type
θ
JA
θ
JC
Unit
160-Ball CSP_BGA
31.2
7.0
°C/W1
1 With no airflow movement.
ESD CAUTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com